Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8335 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8335
Description  Quad Low Noise, Low Cost Variable Gain Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8335 Datasheet(HTML) 4 Page - Analog Devices

  AD8335 Datasheet HTML 1Page - Analog Devices AD8335 Datasheet HTML 2Page - Analog Devices AD8335 Datasheet HTML 3Page - Analog Devices AD8335 Datasheet HTML 4Page - Analog Devices AD8335 Datasheet HTML 5Page - Analog Devices AD8335 Datasheet HTML 6Page - Analog Devices AD8335 Datasheet HTML 7Page - Analog Devices AD8335 Datasheet HTML 8Page - Analog Devices AD8335 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD8335
Rev. 0 | Page 4 of 24
Parameter
Conditions
Min
Typ
Max
Unit
Two-Tone IMD3 Distortion
VOUT = 1 V p-p, VGN = 3 V
f1 = 1 MHz, f2 = 1.05 MHz
−69
dBc
f1 = 10 MHz, f2 = 10.05 MHz
−65
dBc
Output IP3 (OIP3)
VOUT = 1 V p-p, VGN = 3 V
f = 1 MHz
33
dBm
f = 10 MHz
31
dBm
Channel-to-Channel Crosstalk
VOUT = 1 V p-p, f = 1 to 10 MHz
−80
dBc
Overload Recovery
Pra or VGA
10
ns
Group Delay Variation
Full gain range, f = 1 MHz to 10 MHz
3.0
ns
GAIN CONTROL INTERFACE
Pins VGNx
Normal Operating Range
0
3
V
Maximum Range
No gain foldover
0
VS
V
Gain Range
LO gain mode; (Pins HLxx = 0 V)
−10 to +38
dB
HI gain mode; (Pins HLxx = VS)
−2 to +46
dB
Scale Factor
Nominal (Pins SL12 and SL34 = 2.5 V)
19.0
20.0
21.0
dB/V
Bias Current
−0.3
µA
Response Bandwidth
5
MHz
Response Time
48 dB gain change
350
ns
GAIN ACCURACY
Pins VGNx
Absolute Gain Error
0 ≤ VGN ≤ 0.4 V
1.25
7.5
dB
0.4 ≤ VGN ≤ 2.6 V, 1
σ
−1.25
±0.2
+1.25
dB
2.6 ≤ VGN ≤ 3 V
−7.5
−1.25
dB
Gain Law Conformance Over Temperature
0.4 ≤ VGN ≤ 2.6 V; −40°C < TA < +85°C
±0.75
dB
Intercept
LO gain mode; PrA matched to 50 Ω
−16.1
dB
HI gain mode; PrA matched to 50 Ω
−8.1
dB
Channel-to-Channel Matching
0.4 ≤ VGN ≤ 2.6 V
0.15
dB
LOGIC LEVEL—HILO, SHUTDOWN PREAMP,
and ENABLE INTERFACES
Pins HLxx, SPxx, and ENxx
Logic Level High
2.75
5
V
Logic Level Low
0
1
V
BIAS CURRENT—HILO, ENABLE
Logic high
80
µA
Logic low
−12
µA
INPUT RESISTANCE—HILO, ENABLE
50
kΩ
BIAS CURRENT – SHUTDOWN PREAMP
Logic high
20
µA
Logic low
0
µA
INPUT RESISTANCE—SHUTDOWN PREAMP
500
kΩ
HILO Response Time
0.6
µs
Enable Response Time
100
µs
POWER SUPPLY
Pins VPPx and VPVx
Supply Voltage
4.5
5
5.5
V
Quiescent Current
Per channel—PrA and VGA enabled
19
mA
Over Temperature
−40°C < TA < +85°C
16
22.8
mA
Quiescent Power
Per channel—PrA and VGA enabled
95
mW
Quiescent Current
Per channel—PrA disabled, VGA enabled
13
mA
Quiescent Power
Per channel—PrA disabled, VGA enabled
65
mW
Quiescent Current
All channels enabled
76
mA
Disable Current
All channels disabled
0.8
mA
PSRR
VGN = 0 V, all bypass capacitors removed, 1 MHz
−60
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com