Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8335 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8335
Description  Quad Low Noise, Low Cost Variable Gain Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8335 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8335 Datasheet HTML 13Page - Analog Devices AD8335 Datasheet HTML 14Page - Analog Devices AD8335 Datasheet HTML 15Page - Analog Devices AD8335 Datasheet HTML 16Page - Analog Devices AD8335 Datasheet HTML 17Page - Analog Devices AD8335 Datasheet HTML 18Page - Analog Devices AD8335 Datasheet HTML 19Page - Analog Devices AD8335 Datasheet HTML 20Page - Analog Devices AD8335 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD8335
Rev. 0 | Page 17 of 24
PREAMP
Although the preamp signal path is fully differential, the design
is optimized for single-ended input drive and signal source
resistance matching. Thus, the negative input to the differential
preamplifier Pins PMDx must be ac-grounded to provide a
balanced differential signal at the PrA outputs. Detailed
information regarding the preamplifier architecture is found in
the LNA section of the AD8331/AD8332 data sheet.
The preamplifier consists of a fixed gain amplifier with differen-
tial outputs. With the negative output available and a fixed gain
of 8 (18.06 dB), an active input termination is synthesized by
connecting a feedback resistor between the negative output and
the positive input, Pin PIPx. This technique is well known and
results in the input resistance shown in Equation 2.
)
2
1
(
A
R
R
FB
IN
+
=
(2)
where A/2 is the single-ended gain, or the gain from the PIPx
inputs to the PONx outputs. Since the amplifier has a gain of ×8
from its input to its differential output, it is important to note
that the gain A/2 is the gain from Pin PIPx to Pin PONx, which
is 6 dB lower, or 12.04 dB (×4). The input resistance is reduced
by an internal bias resistor of 14.7 kΩ in parallel with the source
resistance connected to Pin PIPx, with Pin PMDx ac-grounded.
Equation 3 can be used to calculate the needed RFB for a desired
RIN, and is used for higher values of RIN.
kΩ
7
.
14
||
)
4
1
( +
=
FB
IN
R
R
(3)
For example, to set RIN = 200 Ω, the value of RFB is 1.013 kΩ. If the
simplified Equation 2 is used to calculate RIN, the value is 197 Ω,
resulting in a less than 0.1 dB gain error. Factors such as a
widely varying source resistance might influence the absolute
gain accuracy more significantly. At higher frequencies, the
input capacitance of the PrA needs to be considered. The user
must determine the level of matching accuracy and adjust RFB
accordingly.
The bandwidths (BW) of the preamplifier and VGA are
approximately 110 MHz each, resulting in a cascaded BW of
approximately 80 MHz. Ultimately the BW of the PrA limits the
accuracy of the synthesized RIN. For RIN = RS up to approximately
200 Ω, the best match is between 100 kHz and 10 MHz, where
the lower frequency limit is determined by the size of the ac-
coupling capacitors, and the upper limit is determined by the
preamplifier BW. Furthermore, the input capacitance and RS
limits the BW at higher frequencies.
FREQUENCY (Hz)
10
100
1k
100k
1M
10M
50M
RIN = 500Ω, RFB = 2.5kΩ
RSH = ∞, CSH = 0pF
RIN = 200Ω, RFB = 1kΩ
RSH = 50Ω, CSH = 22pF
RIN = 100Ω, RFB = 499Ω
RIN = 50Ω, RFB = 249Ω
RSH = ∞, CSH = 0pF
RSH = 50Ω, CSH = 22pF
Figure 55. RIN vs. Frequency for Various Values of RFB.
Effects of RSH and CSH are also shown.
Figure 55 shows RIN vs. frequency for various values of RFB. Note
that at the lowest value, 50 Ω, RIN peaks at frequencies greater
than 10 MHz. This is due to the BW roll-off of the PrA as
mentioned earlier. The RSH and CSH network shown in Figure 58
reduces this peaking.
However, as can be seen for larger RIN values, parasitic
capacitance starts rolling off the signal BW before the PrA can
produce peaking and the RSH/CSH network further degrades the
match. Therefore RSH and CSH should not be used for values of
RIN greater than 50 Ω.
Noise
The total input referred noise (IRN) is approximately 1.3
nV/√Hz. Allowing for a gain of ×8 in the preamp, the VGA
noise is 0.46 nV/√Hz referred to the PrA input. The preamp
noise is 1.2 nV/√Hz. It is important to note that these noise
values include all amplifier noise sources, including the VGA
and the preamplifier gain resistors. Frequently, manufacturer
noise specifications exclude gain setting resistors, and the
voltage noise spectral density of an op amp might be presented
as 1 nV/√Hz. Including the gain resistors results in a much
higher noise specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com