Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8335 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8335
Description  Quad Low Noise, Low Cost Variable Gain Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8335 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8335 Datasheet HTML 3Page - Analog Devices AD8335 Datasheet HTML 4Page - Analog Devices AD8335 Datasheet HTML 5Page - Analog Devices AD8335 Datasheet HTML 6Page - Analog Devices AD8335 Datasheet HTML 7Page - Analog Devices AD8335 Datasheet HTML 8Page - Analog Devices AD8335 Datasheet HTML 9Page - Analog Devices AD8335 Datasheet HTML 10Page - Analog Devices AD8335 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD8335
Rev. 0 | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 5 V, TA = 25°C, RL = 500 Ω, f = 5 MHz, CL = 10 pF, LO gain range (−10 dB to +38 dB), RFB = 249 Ω (PrA RIN = 50 Ω) and signal
voltage specified differential, per channel performance, unless otherwise noted.
–20
–10
0
10
20
30
40
50
1.0
1.5
0
0.5
2.0
2.5
3.0
VGAIN (V)
LO GAIN
HI GAIN
+85
°C
+25
°C
–40
°C
Figure 3. Gain vs. VGAIN at Three Temperatures (See Figure 49)
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
1.0
1.5
0
0.5
2.0
2.5
3.0
VGAIN (V)
+85
°C, LO GAIN
+85
°C, HI GAIN
+25
°C, LO GAIN
+25
°C, HI GAIN
–40
°C, LO GAIN
–40
°C, HI GAIN
Figure 4. Gain Error vs. VGAIN at Three Temperatures (See Figure 49)
–6.0
–4.0
–2.0
0
2.0
4.0
6.0
1.0
1.5
0
0.5
2.0
2.5
3.0
VGAIN (V)
1MHz
5MHz
10MHz
20MHz
Figure 5. Gain Error vs. VGAIN at Various Frequencies (See Figure 49)
0
2
4
6
8
10
12
14
16
18
20
–0.6 –0.5 –0.4 –0.3 –0.2
0
0.4
–0.1
0.1
0.2
0.3
0.5
0.6
GAIN ERROR (dB)
420 CHANNELS
(105 UNITS)
VGAIN = 1.5V
Figure 6. Gain Error Histogram
CHANNEL-TO-CHANNEL GAIN MATCH (dB)
0
5
10
15
20
25
0
5
10
15
20
25
420 CHANNELS
(105 UNITS)
VGAIN = 1.0V
VGAIN = 2.0V
CH1 TO CH2
CH1 TO CH4
CH1 TO CH3
Figure 7. Gain Match Histogram for VGAIN = 1 V and 2 V
0
5
10
15
20
25
30
35
40
45
GAIN SCALING FACTOR
20.4
19.9
20.0
20.1
20.2
20.3
420 CHANNELS
(105 UNITS)
0.5V
< V
GAIN < 2.5V
Figure 8. Gain Scaling Factor Histogram for 0.5 V < VGAIN < 2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com