Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8335 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8335
Description  Quad Low Noise, Low Cost Variable Gain Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8335 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8335 Datasheet HTML 7Page - Analog Devices AD8335 Datasheet HTML 8Page - Analog Devices AD8335 Datasheet HTML 9Page - Analog Devices AD8335 Datasheet HTML 10Page - Analog Devices AD8335 Datasheet HTML 11Page - Analog Devices AD8335 Datasheet HTML 12Page - Analog Devices AD8335 Datasheet HTML 13Page - Analog Devices AD8335 Datasheet HTML 14Page - Analog Devices AD8335 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD8335
Rev. 0 | Page 11 of 24
–80
–70
–60
–50
–40
–30
–20
0.5
1.0
1.5
2.0
2.5
3.0
VGAIN (V)
LO GAIN
VOUT = 1V p-p
f = 10MHz
f = 5MHz
f = 1MHz
Figure 27. HD2 vs. VGAIN at Three Frequencies, LO Gain (See Figure 53)
–80
–70
–60
–50
–40
–30
–20
0.5
1.0
1.5
2.0
2.5
3.0
VGAIN (V)
LO GAIN
VOUT = 1V p-p
f = 10MHz
f = 5MHz
f = 1MHz
Figure 28. HD3 vs. VGAIN at Three Frequencies, LO Gain (See Figure 53)
–80
–70
–60
–50
–40
–30
–20
0.5
1.0
1.5
2.0
2.5
3.0
VGAIN (V)
HI GAIN
VOUT = 1V p-p
f = 10MHz
f = 5MHz
f = 1MHz
Figure 29. HD2 vs. VGAIN at Three Frequencies, HI Gain (See Figure 53)
–80
–70
–60
–50
–40
–30
–20
0.5
1.0
1.5
2.0
2.5
3.0
VGAIN (V)
HI GAIN
VOUT = 1V p-p
f = 10MHz
f = 5MHz
f = 1MHz
Figure 30. HD3 vs. VGAIN at Three Frequencies, HI Gain (See Figure 53)
–80
–75
–70
–65
–60
–55
–50
–45
–40
–35
0.5
1.0
1.5
2.0
2.5
3.0
VGAIN (V)
f = 1MHz
2V p-p
1V p-p
0.5V p-p
Figure 31. HD2 vs. VGAIN at Three Output Voltages, LO Gain (See Figure 53)
–90
–80
–70
–60
–50
–40
–30
–20
0.5
1.0
1.5
2.0
2.5
3.0
VGAIN (V)
f = 1MHz
2V p-p
1V p-p
0.5V p-p
Figure 32. HD3 vs. VGAIN, at Three Output Voltages, LO Gain (See Figure 53)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com