Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8335 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8335
Description  Quad Low Noise, Low Cost Variable Gain Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8335 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8335 Datasheet HTML 5Page - Analog Devices AD8335 Datasheet HTML 6Page - Analog Devices AD8335 Datasheet HTML 7Page - Analog Devices AD8335 Datasheet HTML 8Page - Analog Devices AD8335 Datasheet HTML 9Page - Analog Devices AD8335 Datasheet HTML 10Page - Analog Devices AD8335 Datasheet HTML 11Page - Analog Devices AD8335 Datasheet HTML 12Page - Analog Devices AD8335 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD8335
Rev. 0 | Page 9 of 24
–25
–20
–15
–10
–5
0
5
10
15
20
25
1.0
1.5
0
0.5
2.0
2.5
3.0
VGAIN (V)
+85
°C, HI
+85
°C, LO
–40
°C, LO
–40
°C, HI
+25
°C, LO
+25
°C, HI
Figure 15. Differential Output Offset Voltage vs. VGAIN at Three Temperatures
–25
–20
–15
–10
–5
0
5
10
15
20
25
1.0
1.5
0
0.5
2.0
2.5
3.0
VGAIN (V)
Figure 16. Absolute Offset vs. VGAIN at Pins VOHx and VOLx
Relative to Pins VCMx
1M
100k
10M
1G
0.1
1
10
100
FREQUENCY (Hz)
VIN = 10mV p-p
VOHx
VOLx
Figure 17. Output Resistance at Pins VOHx and VOLx vs. Frequency
1M
10M
1G
FREQUENCY (Hz)
10
100
1k
RFB = 2.5kΩ
RFB = 1kΩ
RFB = 499Ω
RFB = 249Ω
RSH = 49Ω, CSH = 22pF
RSH = ∞, CSH = 0pF
Figure 18. Preamp Input Resistance vs. Frequency for
Various Values of RFB
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
FREQUENCY (Hz)
100k
10M
1M
100M
25j
50j
100j
–75j
–50j
–25j
0
Ω
17
Ω
50
Ω
150
Ω
STOP
1GHz
START
100kHz
VIN = 10mV p-p
100MHz
Figure 19. Smith Chart S11 vs. Frequency, 100 kHz to 1 GHz
0
50
100
150
200
250
1.0
1.5
0
0.5
2.0
2.5
3.0
VGAIN (V)
HILO = HI
HILO = LO
RS = 0Ω
RFB = ∞
Figure 20. Output Referred Noise vs. VGAIN (See Figure 50)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com