Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8335 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8335
Description  Quad Low Noise, Low Cost Variable Gain Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8335 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8335 Datasheet HTML 16Page - Analog Devices AD8335 Datasheet HTML 17Page - Analog Devices AD8335 Datasheet HTML 18Page - Analog Devices AD8335 Datasheet HTML 19Page - Analog Devices AD8335 Datasheet HTML 20Page - Analog Devices AD8335 Datasheet HTML 21Page - Analog Devices AD8335 Datasheet HTML 22Page - Analog Devices AD8335 Datasheet HTML 23Page - Analog Devices AD8335 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD8335
Rev. 0 | Page 22 of 24
PIP2
CSH2
22pF
RFB2
249
Ω
PIP3
CSH3
22pF
RFB3
249
Ω
RSH3
49.9
Ω
RSH4
49.9
Ω
CSH4
22pF
RFB4
249
Ω
120nH FB
+5V
VOH3
VOH4
RSH1
49.9
Ω
CSH1
22pF
RFB1
249
Ω
VGN2
1nF*
SL12
120nH FB
+5V
1nF*
1nF*
SL34
VGN1
H
+5V
L
PIP4
+5V
PIP1
VPP
VPP
+5V
VOH1
VOL1
VOL2
VOH2
VOL3
VPV
VPV
VOL4
VGN3
VGN4
VPP
VPP
1nF*
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
50
49
56
55
51
54
53
52
58
57
59
62
61
60
63
64
GND4
VPV2
VOL2
VOH1
VOL1
VOH2
VPV4
VOH3
VOL3
VOH4
VPV3
VOL4
VPV1
GND1
35
36
37
38
42
39
40
41
34
33
48
47
43
46
45
44
GND3
GND2
H
+5V
L
28
25
26
27
17
18
19
21
22
23
24
29
30
31
32
20
PMD2
PON2
PIP2
COM2
VIP2
VIN2
POP2
COM3
VIP3
VIN3
PIP3
PON3
PMD3
POP3
VPP3
VPP2
15
16
8
7
6
5
1
4
3
2
14
13
9
12
11
10
AD8335
VPP
*SEE TEXT
RSH2
49.9
Ω
Figure 58. Basic Connections for RIN = 50 Ω
The preamp PMD pins must be capacitively coupled to ground.
Although the preamplifier is a differential design, the PMD pins
are the internal input bias nodes and are made available for
bypassing only. These pins may not be used as signal inputs.
The PIPx inputs must be capacitively coupled from the signal
source because they have a nominal dc level of more than half
the supply voltage. AC coupling capacitors throughout the
circuit should be as large as possible for the application. Although
0.1 µF capacitors are shown in Figure 58 (and used in most
positions in the evaluation board), values of these capacitors
should be determined by the application. Capacitors used for
coupling PMDx and PIPx pins should be the same value.
When synthesizing low values of RIN, the bandwidth of the
preamplifier produces some peaking at the high end of the
frequency response. The optional series RSHx/CSHx network
shown in Figure 58 flattens the response (see Figure 55). With a
50 Ω source, the resistor and capacitor values should be 49.9 Ω
and 22 pF. For RS values greater than 100 Ω, the network is not
needed. The circuit is stable in either scenario.
The starred capacitors in Figure 58 (*) on the VGNx pins may
be removed when faster gain control signals are required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com