Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16000 Datasheet (PDF) - Analog Devices

ADIS16000 Datasheet PDF - Analog Devices
Part # ADIS16000
Download  ADIS16000 Download
File Size   567.96 Kbytes
Page   37 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Digital MEMS Vibration Sensor w/ Embedded RF Transceiver

ADIS16000 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADIS16000 Datasheet PDF - Analog Devices

Part # ADIS16000
Download  ADIS16000 Click to download

File Size   567.96 Kbytes
Page   37 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Digital MEMS Vibration Sensor w/ Embedded RF Transceiver

ADIS16000 Datasheet (HTML) - Analog Devices


ADIS16000 Product details

GENERAL DESCRIPTION

The ADIS16000 and ADIS16229 enable creation of a simple wireless vibration-sensing network for a wide variety of industrial-equipment applications. . The ADIS16000 provides the gateway function, which manages the network, while the ADIS16229 provides the remote sensing function. The ADIS16229 iSesnor is a complete wireless vibration sensor node that combines dual-axis acceleration sensing with advanced time domain and frequency domain signal processing. Time domain signal processing includes a programmable decimation filter and selectable windowing function. Frequency domain processing includes a 512-point, real-valued FFT, FFT magnitude averaging, and programmable spectral alarms. The FFT record storage system offers users the ability to track changes over time and capture FFTs with multiple decimation filter settings.



FEATURES

Wireless vibration system, 862MHz – 928MHz

   Clear Channel Assessment/Packet collision avoidance

   Error Detection and Correction in RF protocol

   Programmable RF Output power

Gateway node (ADIS16000)

   SPI to RF function

   Manage up to 6 sensor nodes

Sensor Node (ADIS16229)

   Dual-axis, ±18g MEMS accelerometer

   5.5kHz Resonant frequency

   Digital range settings: 0 g to 1 g/5 g/10 g/20 g

   Sample rate up to 20kSPS

   Programmable wake-up capture, update cycle times

   FFT, 512-point, real valued

   Rectangular, Hanning, flat top window options

   Programmable decimation filter, 11 rate settings

   Multi-record capture for selected filter settings

   Manual capture mode for time domain data collection

   Programmable FFT averaging: up to 255 averages

   Record Storage: 14 FFT records on all three axes (x, y)

   Programmable alarms, 6 spectral bands, 2 levels

   Adjustable response delay to reduce false alarms

   Internal self-test with status flags

   Digital temperature and power supply measurements

   Identification registers: serial number, device ID, user ID

47mm x 38mm PCB package with SMA antenna interface

Single-supply operation: 3.0 V to 3.6 V

Operating temperature range: −40°C to +85°C



APPLICATIONS

Vibration analysis

Condition monitoring

Machine health

Instrumentation, diagnostics

Safety shutoff sensing




Similar Part No. - ADIS16000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16003 AD-ADIS16003 Datasheet
285Kb / 16P
Dual-Axis 짹1.7 g Accelerometer with SPI Interface
10/05-Revision 0
ADIS16003 AD-ADIS16003 Datasheet
819Kb / 9P
iSensor??PC Evaluation System
ADIS16003 AD-ADIS16003 Datasheet
1Mb / 15P
iSensor PC-USB Evaluation System
Rev. PrA
ADIS16003/PCBZ AD-ADIS16003/PCBZ Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
ADIS16003CCCZ AD-ADIS16003CCCZ Datasheet
285Kb / 16P
Dual-Axis 짹1.7 g Accelerometer with SPI Interface
10/05-Revision 0
More results


Similar Description - ADIS16000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16220 AD-ADIS16220 Datasheet
233Kb / 16P
Programmable Digital Vibration Sensor
Rev. PrE
ADIS16220 AD-ADIS16220_09 Datasheet
247Kb / 20P
Programmable Digital Vibration Sensor
REV. 0
ADIS16228 AD-ADIS16228 Datasheet
747Kb / 28P
Digital Triaxial Vibration Sensor
REV. B
logo
SiTime Corp.
SIT1252 SITIME-SIT1252 Datasheet
257Kb / 1P
Embedded MEMS Resonator
logo
Pepperl+Fuchs Inc.
VIM32PL-E1V16-0RE-I421V14 PF-VIM32PL-E1V16-0RE-I421V14 Datasheet
1Mb / 4P
Vibration sensor
2022-12-05
VIM62PL-E0G10-0ME-I420K24 PF-VIM62PL-E0G10-0ME-I420K24 Datasheet
882Kb / 3P
Vibration sensor
2022-12-01
VIM62PL-E0T16-0ME-I420V14 PF-VIM62PL-E0T16-0ME-I420V14 Datasheet
1Mb / 3P
Vibration sensor
2022-12-05
VIM62PP-E1V16-0NE-I420KA4 PF-VIM62PP-E1V16-0NE-I420KA4 Datasheet
904Kb / 3P
Vibration sensor
2022-12-01
VIM82PU-S1V16-2AE-I422C28 PF-VIM82PU-S1V16-2AE-I422C28 Datasheet
973Kb / 4P
Vibration sensor
2022-12-01
logo
Knowles Electronics
V2S200D KNOWLES-V2S200D Datasheet
3Mb / 12P
MULTIMODE DIGITAL VIBRATION SENSOR
Rev. 5
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com