Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZUMT718TA Datasheet (PDF) - Diodes Incorporated

ZUMT718TA Datasheet PDF - Diodes Incorporated
Part # ZUMT718TA
Download  ZUMT718TA Download
File Size   62.85 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Super323 SOT323 PNP SILICON POWER (SWITCHING) TRANSISTOR 3A Peak Pulse Current

ZUMT718TA Datasheet (PDF)

Go To PDF Page Download Datasheet
ZUMT718TA Datasheet PDF - Diodes Incorporated

Part # ZUMT718TA
Download  ZUMT718TA Click to download

File Size   62.85 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Super323 SOT323 PNP SILICON POWER (SWITCHING) TRANSISTOR 3A Peak Pulse Current

ZUMT718TA Datasheet (HTML) - Diodes Incorporated


ZUMT718TA Product details

Features
• BVCEO > -20V
• IC = -1A Continuous Collector Current
• ICM = -3A Peak Pulse Current
• Low Saturation Voltage -250mV Max @ IC = -1A.
• RCE(SAT) = 200mΩ @ 1A for a Low Equivalent On-Resistance
• 500mW Power Dissipation
• Excellent hFE Characteristics up to 3A
• Complementary NPN Type: ZUMT618
• Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - ZUMT718TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZUMT718 ZETEX-ZUMT718 Datasheet
52Kb / 3P
PNP SILICON POWER (SWITCHING) TRANSISTOR
logo
Diodes Incorporated
ZUMT718 DIODES-ZUMT718 Datasheet
62Kb / 3P
Super323 SOT323 PNP SILICON POWER (SWITCHING) TRANSISTOR
JUNE 2000
ZUMT718 DIODES-ZUMT718_15 Datasheet
806Kb / 6P
20V PNP POWER SWITCHING TRANSISTOR IN SOT323
Rev 3
More results


Similar Description - ZUMT718TA

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SA1876 SHINDENGEN-2SA1876 Datasheet
386Kb / 8P
Switching Power Transistor(-3A PNP)
logo
Zetex Semiconductors
ZUMT2907A ZETEX-ZUMT2907A Datasheet
28Kb / 2P
SOT323 PNP SILICON PLANAR SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZUMT717 DIODES-ZUMT717 Datasheet
152Kb / 3P
Super323횚 SOT323 PNP SILICON POWER (SWITCHING) TRANSISTOR
SEPTEMBER 1998
ZUMT718 DIODES-ZUMT718 Datasheet
62Kb / 3P
Super323 SOT323 PNP SILICON POWER (SWITCHING) TRANSISTOR
JUNE 2000
ZUMT720 DIODES-ZUMT720 Datasheet
144Kb / 3P
Super323횚 SOT323 PNP SILICON POWER (SWITCHING) TRANSISTOR
SEPTEMBER 1998
ZUMT2907A DIODES-ZUMT2907A Datasheet
29Kb / 2P
SOT323 PNP SILICON PLANAR SWITCHING TRANSISTOR
OCTOBER 1998
ZUMT807 DIODES-ZUMT807 Datasheet
29Kb / 1P
SOT323 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FEBRUARY 1999
ZUMT720 DIODES-ZUMT720_15 Datasheet
144Kb / 3P
Super323횚 SOT323 PNP SILICON POWER (SWITCHING) TRANSISTOR
SEPTEMBER 1998
ZUMT718 DIODES-ZUMT718_15 Datasheet
806Kb / 6P
20V PNP POWER SWITCHING TRANSISTOR IN SOT323
Rev 3
ZUMT717 DIODES-ZUMT717_15 Datasheet
376Kb / 7P
12V PNP POWER SWITCHING TRANSISTOR IN SOT323
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com