Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8803 Datasheet (PDF) - Power Analog Micoelectronics

PAM8803 Datasheet PDF - Power Analog Micoelectronics
Part # PAM8803
Download  PAM8803 Download
File Size   304.91 Kbytes
Page   13 Pages
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics
Description 3W Filterless Stereo Class-D Audio Amplifier with Digital Volume Control

PAM8803 Datasheet (PDF)

Go To PDF Page Download Datasheet
PAM8803 Datasheet PDF - Power Analog Micoelectronics

Part # PAM8803
Download  PAM8803 Click to download

File Size   304.91 Kbytes
Page   13 Pages
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics
Description 3W Filterless Stereo Class-D Audio Amplifier with Digital Volume Control

PAM8803 Datasheet (HTML) - Power Analog Micoelectronics


PAM8803 Product details

General Description
The PAM8803 is a 3W, class-D audio amplifier with 64-step digital volume control. It offers low THD+N, allowing it to produce high-quality sound reproduction. The new filterless architecture allows the device to drive the speaker directly, without needing low-pass output filters which will save 30% system cost and 75% PCB area.

Key Features
■ 3W Output at 10% THD with a 4Ω Load and 5V Power Supply
■ Filterless, Low Quiescent Current and Low EMI
■ Low THD+N
■ 64-step Digital Volume Control
■ Superior Low Noise
■ Low pop noise
■ Efficiency up to 90%
■ Short Circuit Protection
■ Thermal Shutdown
■ Few External Components to Save Space and Cost
■ Pb-Free Package

Applications
■ LCD Monitors/TV Projectors
■ Notebook Computers
■ Portable Speakers
■ Portable DVD Players, Game Machines
■ Cellular Phones/Speaker Phones




Similar Part No. - PAM8803

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8001 PAM-PAM8001 Datasheet
89Kb / 1P
Anti-Saturation Filterless 2W Class-D Stereo Amplifier with DC VolumeControl
logo
Diodes Incorporated
PAM8001 DIODES-PAM8001 Datasheet
716Kb / 17P
ANTI-SATURATION FILTERLESS 2W CLASS-D STEREO AMPLIFIER
Rev 1
logo
Power Analog Micoelectr...
PAM8001NHR PAM-PAM8001NHR Datasheet
89Kb / 1P
Anti-Saturation Filterless 2W Class-D Stereo Amplifier with DC VolumeControl
logo
Diodes Incorporated
PAM8001NHR DIODES-PAM8001NHR Datasheet
716Kb / 17P
ANTI-SATURATION FILTERLESS 2W CLASS-D STEREO AMPLIFIER
Rev 1
logo
Power Analog Micoelectr...
PAM8001XHR PAM-PAM8001XHR Datasheet
89Kb / 1P
Anti-Saturation Filterless 2W Class-D Stereo Amplifier with DC VolumeControl
More results


Similar Description - PAM8803

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8603M PAM-PAM8603M Datasheet
237Kb / 14P
3W Filterless Stereo Class-D Audio Amplifier with DC Volume Control
PAM8007 PAM-PAM8007 Datasheet
968Kb / 16P
Filterless 3W Class-D Stereo Audio Amplifier with DC Volume Control and Headphone Output
logo
Diodes Incorporated
PAM8403H DIODES-PAM8403H Datasheet
269Kb / 11P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
PAM8004 DIODES-PAM8004 Datasheet
307Kb / 11P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
PAM8007 DIODES-PAM8007 Datasheet
565Kb / 17P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
PAM8603M DIODES-PAM8603M Datasheet
343Kb / 14P
3W FILTERLESS STEREO CLASS-D AUDIO AMPLIFIER
Rev 1
PAM8403 DIODES-PAM8403 Datasheet
380Kb / 11P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
logo
Shenzhenshi YONGFUKANG ...
AX8703 YONGFUKANG-AX8703 Datasheet
1Mb / 16P
3W Filterless Class D Stereo Audio Power Amplifier with I2C Volume Control
TA8803 YONGFUKANG-TA8803 Datasheet
269Kb / 13P
3W Filterless Stereo Class-D Audio Amplifier with Digital Volume Control
logo
ARTSCHIP ELECTRONICS CO...
PAM8403 ARTSCHIP-PAM8403 Datasheet
237Kb / 12P
Filterless 3W Class-D Stereo Audio Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com