Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8603M Datasheet (PDF) - Power Analog Micoelectronics

PAM8603M Datasheet PDF - Power Analog Micoelectronics
Part # PAM8603M
Download  PAM8603M Download
File Size   237.15 Kbytes
Page   14 Pages
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics
Description 3W Filterless Stereo Class-D Audio Amplifier with DC Volume Control

PAM8603M Datasheet (PDF)

Go To PDF Page Download Datasheet
PAM8603M Datasheet PDF - Power Analog Micoelectronics

Part # PAM8603M
Download  PAM8603M Click to download

File Size   237.15 Kbytes
Page   14 Pages
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics
Description 3W Filterless Stereo Class-D Audio Amplifier with DC Volume Control

PAM8603M Datasheet (HTML) - Power Analog Micoelectronics


PAM8603M Product details

General Description

The PAM8603M is a 3W, sterero, class-D audio amplifier with DC volume control. It offers low THD+N, allowing it to produce high-quality sound reproduction. The new filterless architecture allows the device to drive the speaker directly, requiring no low-pass output filters which saves the system cost and PCB area.



Features

3W Output at 10% THD with a 4Ω Load and 5V Power Supply

Filterless, Low Quiescent Current and Low EMI

Low THD+N

64-Step DC Volume Control from -75dB to +24dB

Superior Low Noise

Efficiency up to 89%

Short Circuit Protection

Thermal Shutdown

Few External Components to Save the Space and Cost

Pb-Free Package




Similar Part No. - PAM8603M

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8603M DIODES-PAM8603M Datasheet
343Kb / 14P
3W FILTERLESS STEREO CLASS-D AUDIO AMPLIFIER
Rev 1
PAM8603MDER DIODES-PAM8603MDER Datasheet
343Kb / 14P
3W FILTERLESS STEREO CLASS-D AUDIO AMPLIFIER
Rev 1
PAM8603MDET DIODES-PAM8603MDET Datasheet
343Kb / 14P
3W FILTERLESS STEREO CLASS-D AUDIO AMPLIFIER
Rev 1
PAM8603MNHR DIODES-PAM8603MNHR Datasheet
343Kb / 14P
3W FILTERLESS STEREO CLASS-D AUDIO AMPLIFIER
Rev 1
More results


Similar Description - PAM8603M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Power Analog Micoelectr...
PAM8007 PAM-PAM8007 Datasheet
968Kb / 16P
Filterless 3W Class-D Stereo Audio Amplifier with DC Volume Control and Headphone Output
PAM8803 PAM-PAM8803 Datasheet
304Kb / 13P
3W Filterless Stereo Class-D Audio Amplifier with Digital Volume Control
logo
Anpec Electronics Corop...
APA2603 ANPEC-APA2603 Datasheet
503Kb / 25P
3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
logo
Diodes Incorporated
PAM8004 DIODES-PAM8004 Datasheet
307Kb / 11P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
PAM8007 DIODES-PAM8007 Datasheet
565Kb / 17P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
PAM8603M DIODES-PAM8603M Datasheet
343Kb / 14P
3W FILTERLESS STEREO CLASS-D AUDIO AMPLIFIER
Rev 1
PAM8403 DIODES-PAM8403 Datasheet
380Kb / 11P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
logo
Shenzhenshi YONGFUKANG ...
AX8703 YONGFUKANG-AX8703 Datasheet
1Mb / 16P
3W Filterless Class D Stereo Audio Power Amplifier with I2C Volume Control
TA8803 YONGFUKANG-TA8803 Datasheet
269Kb / 13P
3W Filterless Stereo Class-D Audio Amplifier with Digital Volume Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com