Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8603M Datasheet(PDF) 2 Page - Power Analog Micoelectronics

Part # PAM8603M
Description  3W Filterless Stereo Class-D Audio Amplifier with DC Volume Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8603M Datasheet(HTML) 2 Page - Power Analog Micoelectronics

  PAM8603M Datasheet HTML 1Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 2Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 3Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 4Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 5Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 6Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 7Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 8Page - Power Analog Micoelectronics PAM8603M Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
VREF
NC
NC
NC
INR
GND
SHDN
PVDDR
-OUTR
PGNDR
PGNDR
+OUTR
Block Diagram
2
Pin Configuration & Marking Information
Top View
SSOP-24
+OUTL
PGNDL
PGNDL
-OUTL
PVDDL
MUTE
VDD
INL
NC
VDC
NC
VOLUME
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
18
19
20
21
22
23
24
10/2008 Rev 1.0
X: Internal Code
Y: Year
WW: Week
,
Power Analog Microelectronics Inc
www.poweranalog.com
Top View
SOP-18
+OUTL
PGNDL
-OUTL
PVDDL
MUTE
VDD
INL
VDC
VOLUME
VREF
NC
INR
GND
SHDN
PVDDR
-OUTR
PGNDR
+OUTR
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
18
VDD/2
VDD/2
VDD
INR
VDC
MUTE
SHDN
INL
GND
PVDDL
PGNDL
-OUTL
+OUTL
VREF
-OUTR
+OUTR
PGNDR
PVDDR
MODULATOR
DRIVER
INTERNAL
OSCILLATOR
OSC
BIAS AND
REFERENCES
MODULATOR
DRIVER
THERMAL
PROTECTION
CURRENT
PROTECTION
+
-
+
-
VOLUME
+
-
+
-
PAM8603M
3W Filterless Stereo Class-D Audio Amplifier with DC Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com