Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SMB5936B-13 Datasheet (PDF) - Diodes Incorporated

1SMB5936B-13 Datasheet PDF - Diodes Incorporated
Part # 1SMB5936B-13
Download  1SMB5936B-13 Download
File Size   108.99 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.0W SURFACE MOUNT POWER ZENER DIODE

1SMB5936B-13 Datasheet (PDF)

Go To PDF Page Download Datasheet
1SMB5936B-13 Datasheet PDF - Diodes Incorporated

Part # 1SMB5936B-13
Download  1SMB5936B-13 Click to download

File Size   108.99 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.0W SURFACE MOUNT POWER ZENER DIODE

1SMB5936B-13 Datasheet (HTML) - Diodes Incorporated


1SMB5936B-13 Product details

Features
• 3.0W Power Dissipation
• Ideally Suited for Automated Assembly
• 3.3V - 200V Nominal Zener Voltage Range
• Standard VZ Tolerance is ± 5%
• ESD Rating of Class 3 (>16kV) per Human Body Model
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)




Similar Part No. - 1SMB5936B-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1SMB5936B-13 DIODES-1SMB5936B-13 Datasheet
113Kb / 6P
3.0W SURFACE MOUNT POWER ZENER DIODE
Rev 6
More results


Similar Description - 1SMB5936B-13

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
HSMBJ5913B MICROSEMI-HSMBJ5913B Datasheet
80Kb / 2P
SILICON 3.0W ZENER DIOCE
logo
Diodes Incorporated
DFLZ5V1 DIODES-DFLZ5V1 Datasheet
188Kb / 3P
1.0W SURFACE MOUNT POWER ZENER DIODE
DS30464 Rev. 4 - 2
logo
Galaxy Semi-Conductor H...
BZT52C2V0S BILIN-BZT52C2V0S Datasheet
228Kb / 4P
Surface mount zener diode
logo
Diodes Incorporated
DFLZ5V1 DIODES-DFLZ5V1_09 Datasheet
75Kb / 4P
1.0W SURFACE MOUNT POWER ZENER DIODE
DS30464 Rev. 8 - 2
logo
Shenzhen Luguang Electr...
1SMB5926 LUGUANG-1SMB5926 Datasheet
236Kb / 4P
3.0W Surface Mount Silicon Zener Diode
logo
Diodes Incorporated
1SMB5931B-13 DIODES-1SMB5931B-13 Datasheet
113Kb / 6P
3.0W SURFACE MOUNT POWER ZENER DIODE
Rev 6
1SMB5913B DIODES-1SMB5913B_15 Datasheet
490Kb / 6P
3.0W SURFACE MOUNT POWER ZENER DIODE
Rev 7
DFLZXXQ DIODES-DFLZXXQ_15 Datasheet
207Kb / 4P
1.0W SURFACE MOUNT POWER ZENER DIODE
Rev 1
DFLZ5V1Q DIODES-DFLZ5V1Q_1 Datasheet
375Kb / 4P
1.0W SURFACE MOUNT POWER ZENER DIODE
Rev 2
logo
Zibo Seno Electronic En...
3EZ3.9D5 ZSELEC-3EZ3.9D5 Datasheet
131Kb / 2P
3.0W SILICON ZENER DIODE
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com