Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAQ Datasheet (PDF) - Murata Manufacturing Co., Ltd.

PAQ Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # PAQ
Download  PAQ Download
File Size   776.38 Kbytes
Page   16 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description Up to 150W 29.8V Nom Output Quarter-Brick Isolated DC-DC Converter with 2:1 Wide Input Range

PAQ Datasheet (PDF)

Go To PDF Page Download Datasheet
PAQ Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # PAQ
Download  PAQ Click to download

File Size   776.38 Kbytes
Page   16 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description Up to 150W 29.8V Nom Output Quarter-Brick Isolated DC-DC Converter with 2:1 Wide Input Range

PAQ Datasheet (HTML) - Murata Manufacturing Co., Ltd.




Similar Part No. - PAQ

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
PAQ100S48 LAMBDA-PAQ100S48 Datasheet
90Kb / 1P
Single output DC-DC power module for TELECOM
PAQ100S48-1R2 LAMBDA-PAQ100S48-1R2 Datasheet
90Kb / 1P
Single output DC-DC power module for TELECOM
PAQ100S48-1R8 LAMBDA-PAQ100S48-1R8 Datasheet
90Kb / 1P
Single output DC-DC power module for TELECOM
PAQ100S48-2R5 LAMBDA-PAQ100S48-2R5 Datasheet
90Kb / 1P
Single output DC-DC power module for TELECOM
PAQ100S48-3R3 LAMBDA-PAQ100S48-3R3 Datasheet
90Kb / 1P
Single output DC-DC power module for TELECOM
More results


Similar Description - PAQ

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE100 P-DUKE-HAE100 Datasheet
785Kb / 4P
HALF-BRICK DC-DC CONVERTER 2:1 WIDE INPUT RANGE UP TO 100 Watts
QAE100 P-DUKE-QAE100 Datasheet
687Kb / 4P
QUARTER-BRICK DC-DC CONVERTER 2:1 ULTRA WIDE INPUT RANGE UP TO 108Watts
QAE100W P-DUKE-QAE100W Datasheet
752Kb / 4P
QUARTER-BRICK DC-DC CONVERTER 4:1 ULTRA WIDE INPUT RANGE UP TO 90Watts
QAE150 P-DUKE-QAE150 Datasheet
751Kb / 4P
QUARTER-BRICK DC-DC CONVERTER 2:1 ULTRA WIDE INPUT RANGE UP TO 150Watts
QAE150W P-DUKE-QAE150W Datasheet
759Kb / 4P
QUARTER-BRICK DC-DC CONVERTER 4:1 ULTRA WIDE INPUT RANGE UP TO 132Watts
logo
GAPTEC Electronic GmbH ...
100QBW4 GAPTEC-100QBW4 Datasheet
1Mb / 5P
100W Quarter-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
150HBRW4 GAPTEC-150HBRW4 Datasheet
3Mb / 7P
150W Half-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
150QBW4 GAPTEC-150QBW4 Datasheet
3Mb / 6P
150W Quarter-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
200QBW4 GAPTEC-200QBW4 Datasheet
3Mb / 6P
200W Quarter-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
Mean Well Enterprises C...
RQB150W3 MEANWELL-RQB150W3 Datasheet
164Kb / 8P
150W Quarter Brick 60~160Vdc wide Input Railway DC-DC Converter
2023-01-05
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com