Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAQ Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # PAQ
Description  Up to 150W 29.8V Nom Output Quarter-Brick Isolated DC-DC Converter with 2:1 Wide Input Range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PAQ Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  PAQ Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PAQ Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PAQ Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PAQ Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PAQ Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PAQ Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PAQ Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PAQ Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PAQ Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
➀ Please refer to the part number structure for additional ordering information and options.
➁ All specifications are typical at nominal line voltage and full load, +25°C unless otherwise noted. See
detailed specifications. Output capacitors are 1 μF || 10 μF with a 22μf input capacitor. These caps are
necessary for our test equipment and may not be needed for your application.
ORDERING GUIDE
➀
Root Model
➀
Output
Input
Efficiency
Dimensions (open frame)
VOUT
(Volts)
IOUT
(Amps,
max.)
Power
(Watts)
R/N (mV
pk-pk)
Regulation (Max.)
➁
VIN Nom.
(Volts)
Range
(Volts)
IIN no
load (mA)
IIN full
load
(Amps)
Typ.
Max.
Line
Load
Min.
Typ.
(inches)
(mm)
PAQ-29/5-D48-C
PAQ-29/5-D48-C
29.8
5
150
40
90
±0.1%
±0.1%
48
36-75
85
3.36
91%
92.5%
2.3x1.45x0.46
2.3x1.45x0.46
58.4x36.8x11.7
58.4x36.8x11.7
PART NUMBER STRUCTURE
Pin length option
Blank = standard pin length 0.190 in. (4.8 mm)
L1 = 0.110 in. (2.79 mm)*
L2 = 0.145 in. (3.68 mm)
*
Lx
D48
Input Voltage Range
D48 = 36-75 Volts (48V nominal)
/
Nominal Output Voltage (29.8V)
29
5
Maximum Rated Output
Current in Amps
-
N
On/Off Control Logic
N = Negative logic
P = Positive logic
-
Baseplate Option
Blank = No baseplate, standard
B = Baseplate installed, optional
B
RoHS Hazardous Materials compliance
C = RoHS-6 (does not claim EU RoHS exemption 7b–lead in solder), standard
-
C
Complete Model Number Example:
Negative On/Off logic, baseplate installed, 0.110˝ pin length, RoHS-6 compliance
PAQ-29/5-D48NBL1-C
*Minimum order quantity is required.
Samples available with standard pin
length only.
Note:
Some model number combinations may
not be available. See website or contact
your local Murata sales representative.
PAQ
Power Amplifier
Quarter-Brick
Baseplate Pin 3, see Mechanical Drawings (special order)*
Blank = No pin 3, standard
3 = Pin 3 installed, optional
3
PAQ Pin 3 Baseplate Connection
The PAQ module has an additional pin 3 on special order that connects to the baseplate but is
electrically isolated from the rest of the converter. Please refer to the mechanical drawings.
Pin 3 offers a positive method of controlling the electrical potential of the baseplate, indepen-
dent of the converter.
The baseplate may be ordered by adding a “B” to the model number tree and pin 3 will be pre-
installed by adding a “3.” The two options are separate. Please refer to the Ordering Guide. Do
not order pin 3 without the baseplate. Note that “pin 3” converters may be on limited forecast,
requiring minimum order quantities and scheduled deliveries.
PAQ Series
Up to 150W 29.8V Nom Output Quarter-Brick Isolated
DC-DC Converter with 2:1 Wide Input Range
MDC_PAQ Series.A02 Page 2 of 16
www.murata-ps.com/support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com