Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST309 Datasheet (PDF) - Vishay Siliconix

SST309 Datasheet PDF - Vishay Siliconix
Part # SST309
Download  SST309 Download
File Size   74.43 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel JFETs

SST309 Datasheet (PDF)

Go To PDF Page Download Datasheet
SST309 Datasheet PDF - Vishay Siliconix

Part # SST309
Download  SST309 Click to download

File Size   74.43 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel JFETs

SST309 Datasheet (HTML) - Vishay Siliconix


SST309 Product details

DESCRIPTION
The J/SST/U308 series offers superb amplification characteristics. Of special interest is its high-frequency performance. Even at 450 MHz, this series offers high power gain at low noise.

FEATURES
● Excellent High Frequency Gain: Gps 11.5 dB @ 450 MHz
● Very Low Noise: 2.7 dB @ 450 MHz
● Very Low Distortion
● High ac/dc Switch Off-Isolation

BENEFITS
● Wideband High Gain
● Very High System Sensitivity
● High Quality of Amplification
● High-Speed Switching Capability
● High Low-Level Signal Amplification

APPLICATIONS
● High-Frequency Amplifier/Mixer
● Oscillator
● Sample-and-Hold
● Very Low Capacitance Switches




Similar Part No. - SST309

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SST309 CALOGIC-SST309 Datasheet
26Kb / 2P
N-Channel JFET High Frequency Amplifier
logo
Linear Integrated Syste...
SST309 LINEAR-SST309 Datasheet
294Kb / 2P
SINGLE N-CHANNEL HIGH FREQUENCY JFET
logo
Vishay Siliconix
SST309 VISHAY-SST309 Datasheet
102Kb / 8P
Very High System Sensitivity
24-Jan-05
SST309 VISHAY-SST309 Datasheet
102Kb / 8P
N-Channel JFETs
24-Jan-05
SST309 VISHAY-SST309 Datasheet
102Kb / 8P
N-Channel JFETs
24-Jan-05
More results


Similar Description - SST309

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
J105 VISHAY-J105 Datasheet
39Kb / 5P
N-Channel JFETs
04-Jun-01
2N5432 VISHAY-2N5432 Datasheet
44Kb / 5P
N-Channel JFETs
04-Jun-01
2N4416 VISHAY-2N4416 Datasheet
103Kb / 7P
N-Channel JFETs
24-Jan-05
2N4338 VISHAY-2N4338 Datasheet
56Kb / 6P
N-Channel JFETs
04-Jun-01
2N5484 VISHAY-2N5484_07 Datasheet
108Kb / 8P
N-Channel JFETs
24-Jan-05
2N5432 VISHAY-2N5432_07 Datasheet
74Kb / 6P
N-Channel JFETs
04-Jun-01
2N4391 VISHAY-2N4391 Datasheet
82Kb / 7P
N-Channel JFETs
04-Jan-01
J107-E3 VISHAY-J107-E3 Datasheet
64Kb / 6P
N-Channel JFETs
04-Jun-01
SST4416-E3 VISHAY-SST4416-E3 Datasheet
57Kb / 7P
N-Channel JFETs
04-Jun-01
SST4117A VISHAY-SST4117A Datasheet
74Kb / 6P
N-Channel JFETs
28-Jun-04
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com