Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST309 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SST309
Description  N-Channel JFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SST309 Datasheet(HTML) 3 Page - Vishay Siliconix

  SST309 Datasheet HTML 1Page - Vishay Siliconix SST309 Datasheet HTML 2Page - Vishay Siliconix SST309 Datasheet HTML 3Page - Vishay Siliconix SST309 Datasheet HTML 4Page - Vishay Siliconix SST309 Datasheet HTML 5Page - Vishay Siliconix SST309 Datasheet HTML 6Page - Vishay Siliconix SST309 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
J/SST/U308 Series
Vishay Siliconix
Document Number: 70237
S-04028—Rev. G, 04-Jun-01
www.vishay.com
7-3
SPECIFICATIONS FOR U309 AND U310 (TA = 25_C UNLESS NOTED)
Limits
U309
U310
Parameter
Symbol
Test Conditions
Typa
Min
Max
Min
Max
Unit
Static
Gate-Source Breakdown Voltage
V(BR)GSS
IG = –1 mA , VDS = 0 V
–35
–25
–25
V
Gate-Source Cutoff Voltage
VGS(off)
VDS = 10 V, ID = 1 nA
–1
–4
–2.5
–6
V
Saturation Drain Currentb
IDSS
VDS = 10 V, VGS = 0 V
12
30
24
60
mA
VGS = –15 V, VDS = 0 V
–0.002
–0.15
–0.15
nA
Gate Reverse Current
IGSS
TA = 125_C
–0.001
–0.15
–0.15
mA
Gate Operating Current
IG
VDG = 9 V, ID = 10 mA
–15
pA
Drain-Source On-Resistance
rDS(on)
VGS = 0 V, ID = 1 mA
35
W
Gate-Source Forward Voltage
VGS(F)
IG = 10 mA , VDS = 0 V
0.7
1
1
V
Dynamic
Common-Source
Forward Transconductance
gfs
VDS = 10 V, ID = 10 mA
14
10
10
mS
Common-Source
Output Conductance
gos
VDS = 10 V, ID = 10 mA
f = 1 kHz
110
250
250
mS
Common-Source
Input Capacitance
Ciss
VDS = 10 V, VGS = –10 V
4
5
5
Common-Source
Reverse Transfer Capacitance
Crss
VDS = 10 V, VGS = –10 V
f = 1 MHz
1.9
2.5
2.5
pF
Equivalent Input Noise Voltage
en
VDS = 10 V, ID = 10 mA
f = 100 Hz
6
nV
⁄
√Hz
High Frequency
Common-Gate
f = 105 MHz
14
Common-Gate
Forward Transconductance
gfg
f = 450 MHz
13
Common-Gate
f = 105 MHz
0.16
mS
Common-Gate
Output Conductance
gog
V
= 10 V
f = 450 MHz
0.55
VDS = 10 V
ID = 10 mA
f = 105 MHz
16
14
14
Common-Gate Power Gainc
Gpg
f = 450 MHz
11.5
10
10
f = 105 MHz
1.5
2
2
dB
Noise Figure
NF
f = 450 MHz
2.7
3.5
3.5
Notes
a.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
NZB
b.
Pulse test: PW
v300 ms duty cycle v3%.
c.
Gain (Gpg) measured at optimum input noise match.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com