Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSR50603C1C Datasheet (PDF) - OptoSupply International

OSR50603C1C Datasheet PDF - OptoSupply International
Part # OSR50603C1C
Download  OSR50603C1C Download
File Size   444.76 Kbytes
Page   7 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 1.6 x 0.8 x 0.55mm SMD

OSR50603C1C Datasheet (PDF)

Go To PDF Page Download Datasheet
OSR50603C1C Datasheet PDF - OptoSupply International

Part # OSR50603C1C
Download  OSR50603C1C Click to download

File Size   444.76 Kbytes
Page   7 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 1.6 x 0.8 x 0.55mm SMD

OSR50603C1C Datasheet (HTML) - OptoSupply International




Similar Part No. - OSR50603C1C

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSR5CA3111P OPTOSUPPLY-OSR5CA3111P Datasheet
99Kb / 1P
Deluxe Power 3mm Round Commercial Red LED
OSR5CA5111P OPTOSUPPLY-OSR5CA5111P Datasheet
117Kb / 1P
Deluxe Power 5mm Round Commercial Red LED
OSR5CA5111P OPTOSUPPLY-OSR5CA5111P Datasheet
180Kb / 1P
Deluxe Power 5mm Round Commercial Red LED
OSR5CA5111P OPTOSUPPLY-OSR5CA5111P_11 Datasheet
180Kb / 1P
Deluxe Power 5mm Round Commercial Red LED
OSR5CA5C31P OPTOSUPPLY-OSR5CA5C31P Datasheet
109Kb / 1P
Deluxe Power 5mm Round Commercial Red LED
More results


Similar Description - OSR50603C1C

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSWT0603C1A OPTOSUPPLY-OSWT0603C1A Datasheet
385Kb / 7P
1.6 x 0.8 x 0.4mm SMD
logo
Rohm
SML512BC5T ROHM-SML512BC5T Datasheet
101Kb / 3P
<1.6 0.8 t=0.55mm> Low Current Type
logo
OptoSupply Internationa...
OSWT0603C1A OPTOSUPPLY-OSWT0603C1A_11 Datasheet
145Kb / 2P
1.6 x 0.8 x 0.4mm white SMD
OSXX0603C1A OPTOSUPPLY-OSXX0603C1A Datasheet
391Kb / 7P
1.6 x 0.8 x 0.4mm SMD
OSG50603C1D OPTOSUPPLY-OSG50603C1D Datasheet
445Kb / 7P
1.6 x 0.8 x 0.45mm SMD
OSHR0603C1A OPTOSUPPLY-OSHR0603C1A_13 Datasheet
458Kb / 8P
1.6 x 0.8 x 0.4mm SMD
OSHR1608C1A OPTOSUPPLY-OSHR1608C1A Datasheet
335Kb / 6P
1.6 x 0.8 x 0.4mm SMD
logo
Rohm
90885 ROHM-90885 Datasheet
112Kb / 3P
0603<1.6 0.8 t=0.55mm> Standard Type
logo
OptoSupply Internationa...
OSRG0603C1C OPTOSUPPLY-OSRG0603C1C Datasheet
230Kb / 4P
1.6 x 1.5 x 0.55mm Red & Yellow green SMD
logo
Kingbright Corporation
AP1608P1C-P22 KINGBRIGHT-AP1608P1C-P22 Datasheet
564Kb / 4P
1.6 x 0.8 mm Phototransistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com