Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7730BR Datasheet (PDF) - Analog Devices

AD7730BR Datasheet PDF - Analog Devices
Part # AD7730BR
Download  AD7730BR Download
File Size   321.15 Kbytes
Page   53 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Bridge Transducer ADC

AD7730BR Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7730BR Datasheet PDF - Analog Devices

Part # AD7730BR
Download  AD7730BR Click to download

File Size   321.15 Kbytes
Page   53 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Bridge Transducer ADC

AD7730BR Datasheet (HTML) - Analog Devices


AD7730BR Product details

GENERAL DESCRIPTION
The AD7730 is a complete analog front end for weigh-scale and pressure measurement applications. The device accepts low level signals directly from a transducer and outputs a serial digital word. The input signal is applied to a proprietary programmable gain front end based around an analog modulator.
The modulator output is processed by a low pass programmable digital filter, allowing adjustment of filter cutoff, output rate and settling time.
The part features two buffered differential programmable gain analog inputs as well as a differential reference input. The part operates from a single +5 V supply. It accepts four unipolar analog input ranges: 0 mV to +10 mV, +20 mV, +40 mV and +80 mV and four bipolar ranges: ±10 mV, ±20 mV, ±40 mV and ±80 mV. The peak-to-peak resolution achievable directly from the part is 1 in 230,000 counts. An on-chip 6-bit DAC allows the removal of TARE voltages. Clock signals for synchronizing ac excitation of the bridge are also provided.
The serial interface on the part can be configured for three-wire operation and is compatible with microcontrollers and digital signal processors. The AD7730 contains self-calibration and system calibration options, and features an offset drift of less than 5 nV/°C and a gain drift of less than 2 ppm/°C.
The AD7730 is available in a 24-pin plastic DIP, a 24-lead SOIC and 24-lead TSSOP package. The AD7730L is available in a 24-lead SOIC and 24-lead TSSOP package.

KEY FEATURES
   Resolution of 230,000 Counts (Peak-to-Peak)
   Offset Drift: 5 nV/°C
   Gain Drift: 2 ppm/°C
   Line Frequency Rejection: >150 dB
   Buffered Differential Inputs
   Programmable Filter Cutoffs
   Specified for Drift Over Time
   Operates with Reference Voltages of 1 V to 5 V

ADDITIONAL FEATURES
   Two-Channel Programmable Gain Front End
   On-Chip DAC for Offset/TARE Removal
   FASTStep™ Mode
   AC or DC Excitation
   Single Supply Operation

APPLICATIONS
   Weigh Scales
   Pressure Measurement




Similar Part No. - AD7730BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7730BR AD-AD7730BR Datasheet
497Kb / 52P
Bridge Transducer ADC
REV.A
AD7730BRU AD-AD7730BRU Datasheet
497Kb / 52P
Bridge Transducer ADC
REV.A
More results


Similar Description - AD7730BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
1B32 AD-1B32 Datasheet
544Kb / 8P
Bridge Transducer Signal Conditioner
AD22055 AD-AD22055 Datasheet
214Kb / 4P
Single Supply Bridge Transducer Amplifier
AD7730 AD-AD7730 Datasheet
497Kb / 52P
Bridge Transducer ADC
REV.A
logo
Cirrus Logic
CS5516 CIRRUS-CS5516 Datasheet
923Kb / 41P
16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER
logo
Texas Instruments
UC3704 TI1-UC3704 Datasheet
283Kb / 6P
Bridge Transducer Switch
logo
Analog Devices
1B32 AD-1B32_15 Datasheet
548Kb / 8P
BRIDGE TRANSDUCER SIGNAL CONDITIONER
AD7730 AD-AD7730_15 Datasheet
321Kb / 53P
Bridge Transducer ADC
REV. B
AD7730L AD-AD7730L_15 Datasheet
321Kb / 53P
Bridge Transducer ADC
REV. B
AD22055 AD-AD22055_15 Datasheet
218Kb / 4P
Single Supply Bridge Transducer Amplifier
REV. 0
AD7191 AD-AD7191_17 Datasheet
330Kb / 21P
Sigma-Delta ADC for Bridge Sensors
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com