Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5516 Datasheet (PDF) - Cirrus Logic

CS5516 Datasheet PDF - Cirrus Logic
Part # CS5516
Download  CS5516 Download
File Size   923.16 Kbytes
Page   41 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER

CS5516 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5516 Datasheet PDF - Cirrus Logic

Part # CS5516
Download  CS5516 Click to download

File Size   923.16 Kbytes
Page   41 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER

CS5516 Datasheet (HTML) - Cirrus Logic


CS5516 Product details

Description

The CS5516 and CS5520 are complete solutions for digitizing low level signals from strain gauges, load cells,and pressure transducers. Any family of mV output transducers, including those requiring bridge excitation, can be interfaced directly to the CS5516 or CS5520. The devices offer an on-chip software programmable instrumentation amplifier block, choice of DC or AC bridge excitation, and software selectable reference and signal demodulation.



Features

• On-chip Instrumentation Amplifier

• On-chip Programmable Gain Amplifier

• On-Chip 4-Bit D/A For Offset Removal

• Dynamic Excitation Options

• Linearity Error: ±0.0015% FS

  - 20-bit,No Missing Codes

• CMRR at 50/60 Hz > 200 dB

• System Calibration Capability with calibration read/write option

• 3-, 4-,or 5-wire Serial Communications Port

• Low Power Consumption: 40 mW

  - 10 µW Standby Mode for Portable applications




Similar Part No. - CS5516

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CS551 DFI-CS551 Datasheet
1Mb / 2P
9th/8th Gen Intel Core 3.5CBS
CS551-C246-BCA DFI-CS551-C246-BCA Datasheet
1Mb / 2P
9th/8th Gen Intel Core 3.5CBS
CS551-C246-ECA DFI-CS551-C246-ECA Datasheet
1Mb / 2P
9th/8th Gen Intel Core 3.5CBS
CS551-H310-BCA DFI-CS551-H310-BCA Datasheet
1Mb / 2P
9th/8th Gen Intel Core 3.5CBS
CS551-H310-ECA DFI-CS551-H310-ECA Datasheet
1Mb / 2P
9th/8th Gen Intel Core 3.5CBS
More results


Similar Description - CS5516

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7703 AD-AD7703 Datasheet
251Kb / 16P
LC2MOS 20-Bit A/D Converter
REV.D
logo
Cirrus Logic
CS5505 CIRRUS-CS5505 Datasheet
721Kb / 40P
VERY LOW POWER 16BIT AND 20 BIT A/D CONVERTERS
CS5509 CIRRUS-CS5509 Datasheet
375Kb / 23P
SINGLE SUPPLY 16BIT A/D CONVERTER
logo
Rohm
BU7858KN ROHM-BU7858KN Datasheet
322Kb / 6P
16bit D/A Converter Audio Path
logo
Asahi Kasei Microsystem...
AKD4550-E AKM-AKD4550-E Datasheet
774Kb / 26P
16bit A/D and D/A converter
AKD4563A AKM-AKD4563A_06 Datasheet
555Kb / 32P
16bit 4ch A/D and 2ch D/A converter,
AKD5700-A AKM-AKD5700-A Datasheet
452Kb / 39P
digital audio 16bit A/D converter
AKD5701-A AKM-AKD5701-A Datasheet
461Kb / 40P
digital audio 16bit A/D converter
logo
Analog Devices
AD7703 AD-AD7703_15 Datasheet
458Kb / 16P
20-Bit A/D Converter
Rev. E
AD7703 AD-AD7703_17 Datasheet
453Kb / 17P
20-Bit A/D Converter
23-Feb-2017
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com