Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5516 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5516
Description  16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5516 Datasheet(HTML) 4 Page - Cirrus Logic

  CS5516 Datasheet HTML 1Page - Cirrus Logic CS5516 Datasheet HTML 2Page - Cirrus Logic CS5516 Datasheet HTML 3Page - Cirrus Logic CS5516 Datasheet HTML 4Page - Cirrus Logic CS5516 Datasheet HTML 5Page - Cirrus Logic CS5516 Datasheet HTML 6Page - Cirrus Logic CS5516 Datasheet HTML 7Page - Cirrus Logic CS5516 Datasheet HTML 8Page - Cirrus Logic CS5516 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
ANALOG CHARACTERISTICS (continued)
Parameter
Min
Typ
Max
Units
Specified Temperature Range
-40 to +85
°C
Analog Input
Analog Input Range
Unipolar
Bipolar
12.5, 25, 50, 100
±12.5, ±25, ±50, ±100
mV
mV
Common Mode Rejection
dc
50, 60 Hz
-
-
165
200
-
-
dB
dB
Input Capacitance
-
5
-
pF
Input Bias Current
(Note 1)
-
100
-
pA
Instrumentation Amplifier
Gain
-
25
-
Bandwidth
-
200
-
kHz
Unity Gain Bandwidth
-
5
-
MHz
Output Slew Rate
-
1.5
-
V/
µsec
Noise @ 10 Hz BW
-
100
-
nVrms
Power Supply Rejection @ 50/60 Hz
(Note 3)
-
120
-
dB
Common Mode Range
(Note 4)
-
±3
-V
Chopping Frequency
-
XIN/128
-
Hz
Programmable Gain Amplifier
Gain Tracking
(Note 5)
-
±1
-%
4-Bit Offset Trim DAC
Accuracy
-
±5
-%
Voltage Reference Input
Range
(Note 6)
2.0
2.5
3.8
V
Common Mode Rejection:
dc
50, 60 Hz
-
-
60
200
-
-
dB
Input Capacitance
-
15
-
pF
Input Bias Current
(Note 1)
-
10
-
nA
Notes:
3. This includes the on-chip digital filtering.
4. The maximum magnitude of the differential input voltage, Vdiff(in) is determined by the following:
Vdiff(in) < 300 mV - |Vcm/12.5 | and should never exceed 300mV.
Vcm is the common mode voltage which is applied to the instrumentation amplifier inputs.
The above equation should be used to calculate the allowable common mode voltage for a given
differential voltage applied to the first gain stage inputs. This limit ensures
that the instrumentation amplifier does not saturate.
5. Gain tracking accuracy can be significantly improved by uploading a calibrated gain word to the
gain register for each PGA gain selection.
6. The common mode voltage on the Voltage Reference Input, plus the reference range,
[(VREF+) - (VREF-)]/2, must not exceed
±3 volts.
CS5516, CS5520
4
DS74F1
4
DS74F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com