Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5516 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS5516
Description  16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5516 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS5516 Datasheet HTML 18Page - Cirrus Logic CS5516 Datasheet HTML 19Page - Cirrus Logic CS5516 Datasheet HTML 20Page - Cirrus Logic CS5516 Datasheet HTML 21Page - Cirrus Logic CS5516 Datasheet HTML 22Page - Cirrus Logic CS5516 Datasheet HTML 23Page - Cirrus Logic CS5516 Datasheet HTML 24Page - Cirrus Logic CS5516 Datasheet HTML 25Page - Cirrus Logic CS5516 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
s h o u ld
no t
be
ap plied
prior
to
the
CS5516/CS5520 being powered-up. With EXC,
F1, and F0 set to logic 0, the BX1 output will be
logic 0 (0 volts) and the BX2 output will be a
logic 1 (+5 volts).
A second method for configuring the converter
for dc excitation is by setting EXC = 1, and
pulling up BX1 (pin 12) to VD+ (pin 20)
through a resistor. This sets the converter for
use with external excitation which uses the
BX1 pin as an input to set the excitation fre-
quency. With BX1 = VD +, th e ex ternal
excitation frequency is zero, or dc.
AC Bridge Excitation
AC bridge excitation involves using a clock sig-
nal to generate a square wave which repetitively
reverses the excitation polarity on the bridge. To
excite the bridge dynamically requires some type
of bridge driver external to the CS5516/CS5520
converter. This driver is driven by a square wave
clock. The source of this clock depends upon
whether the converter is set for internal excita-
t ion or for external excitation. Figure 6
illustrates a sample bridge drive circuit when op-
erating in the internal AC excitation mode.
Using internal excitation involves setting the
EXC bit of the configuration register to 0, and
setting the F1 and F0 bits to select the excitation
frequency for the bridge. In this mode the exci-
tation frequency is a sub-multiple of the XIN
clock frequency. The excitation clock is output
from the BX1 and BX2 pins of the converter in
the form of a two-phase non-overlapping clock.
The converter is capable of demodulating this
clocked excitation. But only if the signals into
the AIN+ and VREF+ pins of the converter are
in phase with the demodulation clock inside the
converter (see Figure 7). The non-overlapping
clock signals from BX1 and BX2 are CMOS
level outputs (0 to VD+ volts) and are capable
of driving one TTL load. A buffer amplifier
MUST be used to drive the bridge.
Whenever the internal mode is used for dynamic
bridge excitation the signals are non-overlap-
ping. The non-overlapping time is one XIN
clock cycle.
The converter can also be configured to provide
dynamic bridge excitation when operating in the
external-controlled bridge excitation mode. With
the EXC bit of the configuration register set to
logic 1, the BX1 pin becomes an input which
determines the bridge excitation frequency and
phase. BX1 should be near 50% duty cycle. The
user can select the excitation frequency with the
following restrictions. The excitation frequency
must be synchronous with the XIN frequency of
the converter and must be chosen using the fol-
lowing equation:
Fexc
= (N
× XIN) ⁄ 81,920
where N is an integer and lies in the range in-
cluding 1 to 160. Fexc is the desired bridge
excitation frequency. Other asynchronous fre-
2
4
3
5
7
6
10
µF
0.1
µF
+
-5V
+5V
100 k
-5V
10 k
10 k
MICREL
MIC4428 or
MIC4425
BX2
+5V
0V
TP0610
EXC+
EXC-
+5V
-5V
+5V
-5V
Figure 6. Sample AC Bridge Driver
BX1 (Out)
BX2 (Out)
Demod Clock
(Internal)
Note: The signals from the bridge into AIN+ and
VREF+ of the converter must be in phase
with the demodulation clock.
t
is 1 cycle of XIN clock.
d
t d
t d
Figure 7. Internal Excitation Clock Phasing
CS5516, CS5520
22
DS74F1
22
DS74F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com