Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5516 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS5516
Description  16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5516 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS5516 Datasheet HTML 31Page - Cirrus Logic CS5516 Datasheet HTML 32Page - Cirrus Logic CS5516 Datasheet HTML 33Page - Cirrus Logic CS5516 Datasheet HTML 34Page - Cirrus Logic CS5516 Datasheet HTML 35Page - Cirrus Logic CS5516 Datasheet HTML 36Page - Cirrus Logic CS5516 Datasheet HTML 37Page - Cirrus Logic CS5516 Datasheet HTML 38Page - Cirrus Logic CS5516 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
ample, the board comes with a set of precision
resistors which divide the excitation supply
(nominally 10 volts total) down to 2.5 volts be-
tween the VREF+ and VREF- input pins. This
sets the nominal full scale voltage into the A/D
converter. The input span of the instrumentation
amplifier can be calculated to by knowing the
PGA gain setting, and that the gain of the instru-
mentation amplifier is X25. If the PGA is set for
a gain of 8, then the input span to the instrumen-
tation amplifier will be 2.5 volts (VREF+ -
VREF-) divided by 8 X 25, or 2.5/(200) = 12.5
millivolt nominal in unipolar mode. The device
can be then calibrated with an input voltage
which is as low as 20% less than nominal or up
to 20% greater than nominal.
Therefore, with
this VREF+ - VREF- voltage (2.5 volts) and a
PGA gain of 8 the input span can be calibrated
to handle a span from a low of 10 mV to a high
of 15 mV. To modify the input span the user can
either change the PGA gain or modify the resis-
tor divider on the bridge sense voltage to yield
an appropriate value in the range of 2.0 to 3.8
volts. This makes the A/D converter quite flex-
ible in handling load cells with different output
levels.
Whenever configured as a bridge
transducer device, the CS5516 or the CS5520
A/D converter operates in ratiometric measure-
ment mode. Figures 4 and 5 illustrate how to
connect 4-wire and 6-wire bridge transducers to
the board.
Alternatively, the CS5516 or CS5520 can be
configured for absolute measurement if a preci-
sion reference voltage is supplied between the
VREF+ and VREF- pins of the A/D converter.
The board can be modified to accept a reference
into the voltage reference terminal block; or the
on-board LT1019-2.5 volt reference can be used
as the reference voltage for the A/D converter.
To use either of these inputs will require that
jumper wires be soldered in either 1A-1B to se-
lect the external voltage reference input, or
2A-2B to select the on-board LT1019-2.5. Fig-
ure 6 illustrates the connection of an external
voltage reference to the evaluation board for ab-
solute voltage measurement applications. To
achieve an accurate reference voltage resistor R6
SIG +
SIG -
SENSE +
SENSE -
EXC +
EXC -
+
_
Figure 4. 4-Wire Bridge Connections
SIG +
SIG -
SENSE +
SENSE -
EXC +
EXC -
+
_
Figure 5. 6-Wire Bridge Connections
CDB5516/CDB5520
DS74DB3
35
DS74DB4
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com