Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5516 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS5516
Description  16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5516 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS5516 Datasheet HTML 24Page - Cirrus Logic CS5516 Datasheet HTML 25Page - Cirrus Logic CS5516 Datasheet HTML 26Page - Cirrus Logic CS5516 Datasheet HTML 27Page - Cirrus Logic CS5516 Datasheet HTML 28Page - Cirrus Logic CS5516 Datasheet HTML 29Page - Cirrus Logic CS5516 Datasheet HTML 30Page - Cirrus Logic CS5516 Datasheet HTML 31Page - Cirrus Logic CS5516 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
Digital Inputs
RST - Reset, PIN 13.
Reset pin initializes all calibration registers to a known condition and places the serial port into
the command mode.
CS - Chip Select, PIN 14.
An input which can be enabled by an external device to gain control over the serial port. When
this pin is high, SOD is in a high impedance state if SMODE = 0.
SCLK - Serial Data Clock, PIN 16.
A clock signal at this pin determines the output rate of the data from the SOD pin and the input
data rate on the SID pin.
SID - Serial Input Data, PIN 17.
This pin is used for inputting command and configuration words or inputting calibration words.
Data is input at a rate determined by SCLK. SID is in a don’t care state when no data is being
clocked in.
SMODE - Serial Interface Mode, PIN 24.
Selects the operating mode of the serial port. When low the serial port operates in the 5 or 4
wire interface mode. When high the chip will enter the 3 wire interface mode.
Analog Inputs
AIN+ and AIN- - Analog Inputs, PINS 6, 7.
The analog input signals from the transducer. These are true differential inputs.
VREF+ and VREF- - Voltage Reference Inputs, PINS 9,10.
These are the differential analog reference voltage inputs.
MDRV+ - Modulator Differential Voltage Reference, PIN 1.
Positive terminal of the internal differential voltage reference which can be tied to the positive
supply (VA+) or ground (AGND).
MDRV- - Modulator Differential Voltage Reference, PIN 2.
This is the -3.75V modulator differential voltage reference output and can be used to generate
an analog reference. Note this is with reference to the MDRV+ pin.
CS5516, CS5520
28
DS74F1
28
DS74F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com