Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5516 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5516
Description  16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5516 Datasheet(HTML) 5 Page - Cirrus Logic

  CS5516 Datasheet HTML 1Page - Cirrus Logic CS5516 Datasheet HTML 2Page - Cirrus Logic CS5516 Datasheet HTML 3Page - Cirrus Logic CS5516 Datasheet HTML 4Page - Cirrus Logic CS5516 Datasheet HTML 5Page - Cirrus Logic CS5516 Datasheet HTML 6Page - Cirrus Logic CS5516 Datasheet HTML 7Page - Cirrus Logic CS5516 Datasheet HTML 8Page - Cirrus Logic CS5516 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
ANALOG CHARACTERISTICS (continued)
Parameter
Min
Typ
Max
Units
Modulator Differential Voltage Reference
Nominal Output Voltage
-
3.75
-
V
Initial Output Voltage Tolerance
-
±100
-mV
Temperature Coefficient
-
100
-
ppm/
°C
Line Regulation
(4.75V < VA < 5.25V)
-
0.5
-
mV/V
Output Voltage Noise
0.1 to 15 Hz
-
10
-
µVp-p
Output Current Drive:
Source Current
Sink Current
-
-
-
-
20
20
µA
µA
Power Supplies
DC Power Supply Currents
IA+
IA-
ID+
ID-
-
-
-
-
2.7
-2.7
1.5
-0.6
3.5
-3.5
2.2
-0.8
mA
mA
mA
mA
Power Dissipation:
(Note 7)
Normal Operation
Standby Mode
-
-
37.5
10
-
-
mW
µW
Power Supply Rejection:
dc
Positive Supplies
dc
Negative Supplies
-
-
100
95
-
-
dB
dB
System Calibration Specifications
Positive Full Scale Calibration Range
(Note 8)
Unipolar Mode
Bipolar Mode
0.8T
0.8T
-
-
1.2T
1.2T
V
V
Maximum Ratiometric Offset Calibration Range
(Note 8)
Unipolar Mode
Bipolar Mode
-2T
-2T
-
-
+2T
+2T
V
V
Differential Input Voltage Range
(Notes 4, 8, 9, 10)
Unipolar Mode
Bipolar
Voffset + (1.2T)
Voffset
± (1.2T)
V
V
Notes:
7. All outputs unloaded. All inputs CMOS levels.
8. T=VREF/(Gx25), where T is the full scale span, where VREF is the differential voltage across
VREF+ and VREF- in volts, and G is the gain setting of the second gain block. G can be set
to 1, 2, 4, 8. This sets the overall gain to 25, 50, 100, 200. The gain can then be fine tuned by
using the calibration of the full scale point.
9. When calibrated.
10. Voffset is the offset corrected by the offset calibration routine. Voffset may be as large as 2T.
CS5516, CS5520
DS74F1
5
DS74F2
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com