Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5516 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5516
Description  16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5516 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5516 Datasheet HTML 2Page - Cirrus Logic CS5516 Datasheet HTML 3Page - Cirrus Logic CS5516 Datasheet HTML 4Page - Cirrus Logic CS5516 Datasheet HTML 5Page - Cirrus Logic CS5516 Datasheet HTML 6Page - Cirrus Logic CS5516 Datasheet HTML 7Page - Cirrus Logic CS5516 Datasheet HTML 8Page - Cirrus Logic CS5516 Datasheet HTML 9Page - Cirrus Logic CS5516 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
DYNAMIC CHARACTERISTICS
Parameter
Symbol
Ratio
Units
AIN and VREF Input Sampling Frequency
fis
fclk/128
Hz
Modulator Sampling Frequency
fs
fclk/256
Hz
Output Update Rate
fout
fclk/81,920
Sps
Filter Corner Frequency
f-3dB
fclk/341,334
Hz
Settling Time to
±0.0007%
(FS Step)
ts
6/fout
s
DIGITAL CHARACTERISTICS (TA = TMIN to TMAX; VA+, VD+ = 5V ± 5%; VA-, VD- = -5V ± 5%;
DGND = 0) All measurements below are performed under static conditions.
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage:
XIN
All Pins Except XIN
VIH
VIH
4.5
2.0
-
-
-
-
V
V
Low-Level Input Voltage
XIN
All Pins Except XIN
VIL
VIL
-
-
-
-
0.5
0.8
V
V
High-Level Output Voltage
(Note 11)
VOH
(VD+)-1.0
-
-
V
Low-Level Output Voltage
lout = 1.6mA
VOL
--
0.4
V
Input Leakage Current
lin
-1
10
µA
3-State Leakage Current
lOZ
--
±10
µA
Digital Output Pin Capacitance
Cout
-9
-
pF
Notes: 11. Iout = -100 µA. This guarantees the ability to drive one TTL load. (VOH = 2.4V @ Iout = -40 µA).
CS5516, CS5520
6
DS74F1
6
DS74F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com