Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5516 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5516
Description  16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5516 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5516 Datasheet HTML 1Page - Cirrus Logic CS5516 Datasheet HTML 2Page - Cirrus Logic CS5516 Datasheet HTML 3Page - Cirrus Logic CS5516 Datasheet HTML 4Page - Cirrus Logic CS5516 Datasheet HTML 5Page - Cirrus Logic CS5516 Datasheet HTML 6Page - Cirrus Logic CS5516 Datasheet HTML 7Page - Cirrus Logic CS5516 Datasheet HTML 8Page - Cirrus Logic CS5516 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
1
Copyright
© Cirrus Logic, Inc. 1997
(All Rights Reserved)
Cirrus Logic, Inc.
Crystal Semiconductor Products Division
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.crystal.com
CS5516
CS5520
16-Bit/20-Bit Bridge Transducer A/D Converter
Features
l On-chip Instrumentation Amplifier
l On-chip Programmable Gain Amplifier
l On-Chip 4-Bit D/A For Offset Removal
l Dynamic Excitation Options
l Linearity Error: ±0.0015% FS
- 20-bit, No Missing Codes
l CMRR at 50/60 Hz > 200 dB
l System Calibration Capability with calibration
read/write option
l 3-, 4-, or 5-wire Serial Communications Port
l Low Power Consumption: 40 mW
- 10 µW Standby Mode for Portable applications
Description
The CS5516 and CS5520 are complete solutions for dig-
itizing low level signals from strain gauges, load cells,
and pressure transducers. Any family of mV output
transducers, including those requiring bridge excitation,
can be interfaced directly to the CS5516 or CS5520. The
devices offer an on-chip software programmable instru-
mentation amplifier block, choice of DC or AC bridge
excitation, and software selectable reference and signal
demodulation.
The CS5516 uses delta-sigma modulation to achieve
16-bit resolution at output word rates up to 60 Sps. The
CS5520 achieves 20-bit resolution at output word rates
up to 60 Sps.
The CS5516 and CS5520 sample at a rate set by the
user in the form of either an external CMOS clock or a
crystal. On-chip digital filtering provides rejection of all
frequencies above 12 Hz for a 4.096 MHz clock.
The CS5516 and CS5520 include system calibration to
null offset and gain errors in the input channel. The digi-
tal values associated with the system calibration can be
written to, or read from, the calibration RAM locations at
any time via the serial communications port. The 4-bit
DC offset D/A converter, in conjunction with digital cor-
rection, is initially used to zero the input offset value.
ORDERING INFORMATION
See page 29.
I
$,1 
$,1 
95() 
95() 
%ULGJH

%; 


;
;
6\QF
*DLQ
%ORFN

ELW '$
&RQYHUWHU
Σ
%;

9$

9$

$*1'

$*1'
&KDQQHO
'HOWD6LJPD
0RGXODWRU
,1 287
,1 287
&KDQQHO
),5
)LOWHU
&DOLEUDWLRQ

0'59

0'59

9'

9'

'*1'

;,1

;287

602'(

6&/.

'5'<

&6

567
6HULDO ,QWHUIDFH
÷
 62'
 6,'


MAR ‘95
DS74F1
Copyright © Cirrus Logic, Inc. 2005
(All Rights Reserved)
http://www.cirrus.com
CS5516
CS5520
16-bit & 20-bit Bridge Transducer A/D Converters
SEP ‘05
DS74F2


Similar Part No. - CS5516

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CS551 DFI-CS551 Datasheet
1Mb / 2P
9th/8th Gen Intel Core 3.5CBS
CS551-C246-BCA DFI-CS551-C246-BCA Datasheet
1Mb / 2P
9th/8th Gen Intel Core 3.5CBS
CS551-C246-ECA DFI-CS551-C246-ECA Datasheet
1Mb / 2P
9th/8th Gen Intel Core 3.5CBS
CS551-H310-BCA DFI-CS551-H310-BCA Datasheet
1Mb / 2P
9th/8th Gen Intel Core 3.5CBS
CS551-H310-ECA DFI-CS551-H310-ECA Datasheet
1Mb / 2P
9th/8th Gen Intel Core 3.5CBS
More results

Similar Description - CS5516

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7703 AD-AD7703 Datasheet
251Kb / 16P
LC2MOS 20-Bit A/D Converter
REV.D
logo
Cirrus Logic
CS5505 CIRRUS-CS5505 Datasheet
721Kb / 40P
VERY LOW POWER 16BIT AND 20 BIT A/D CONVERTERS
CS5509 CIRRUS-CS5509 Datasheet
375Kb / 23P
SINGLE SUPPLY 16BIT A/D CONVERTER
logo
Rohm
BU7858KN ROHM-BU7858KN Datasheet
322Kb / 6P
16bit D/A Converter Audio Path
logo
Asahi Kasei Microsystem...
AKD4550-E AKM-AKD4550-E Datasheet
774Kb / 26P
16bit A/D and D/A converter
AKD4563A AKM-AKD4563A_06 Datasheet
555Kb / 32P
16bit 4ch A/D and 2ch D/A converter,
AKD5700-A AKM-AKD5700-A Datasheet
452Kb / 39P
digital audio 16bit A/D converter
AKD5701-A AKM-AKD5701-A Datasheet
461Kb / 40P
digital audio 16bit A/D converter
logo
Analog Devices
AD7703 AD-AD7703_15 Datasheet
458Kb / 16P
20-Bit A/D Converter
Rev. E
AD7703 AD-AD7703_17 Datasheet
453Kb / 17P
20-Bit A/D Converter
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com