Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5516 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS5516
Description  16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5516 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS5516 Datasheet HTML 17Page - Cirrus Logic CS5516 Datasheet HTML 18Page - Cirrus Logic CS5516 Datasheet HTML 19Page - Cirrus Logic CS5516 Datasheet HTML 20Page - Cirrus Logic CS5516 Datasheet HTML 21Page - Cirrus Logic CS5516 Datasheet HTML 22Page - Cirrus Logic CS5516 Datasheet HTML 23Page - Cirrus Logic CS5516 Datasheet HTML 24Page - Cirrus Logic CS5516 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
SID pin is not being written. When reading
SOD, SCLK cannot be continuous but must
burst one clock cycle per bit.
The continuous read conversion data mode is
also functional in the 3-wire interface mode. Is-
sue one 88(H) command word to the converter.
Then wait for SOD to go low. Issue 8 SCLKs to
clear the data ready function. The MSB data bit
will then appear on the SOD pin. Issue 24
SCLKs to read the conversion word. At the fall-
ing edge of the 24th SCLK SOD will return
high. SOD will go low at the next DRDY falling
time to indicate a new conversion word. Eight
SCLKs must again be issued to clear the data
ready function before clocking out the data con-
version word. The SOD pin will continue to
toggle low each time a word is available even if
the conversion data is not read. To terminate the
continuous conversion mode, input an 8-bit com-
man d word immediat el y after read ing a
conversion word.
The user should perform all data reads and com-
mand writes within 51,000 XIN clock cycles
after SOD falls to avoid ambiguity as to who
controls the serial port.
Serial Port Initialization
If for any reason the off-chip microcontroller
fails to know whether the serial port of the
CS5516/20 is in data mode or command mode,
the following initialization procedure can be is-
sued to the port to force the CS5516/20 into the
command mode. Write 128 or more 1’s to the
SID pin. Then issue a single 0 to the SID pin.
The port will then be initialized into the com-
mand mode and will be waiting for an 8-bit
command word.
Bridge Excitation Options
The CS5516/CS5520 A/D converters are opti-
mized for Wheatstone bridge applications. The
converters support either dc or ac (switched dc)
bridge excitation.
DC Bridge Excitation
The CS5516/CS5520 can be configured for dc
bridge excitation in either of two ways.
The
EXC bit of the configuration register can be set
for either internal or for external excitation. If
set to internally-controlled mode (EXC = 0), the
F1 and F0 bits must be set to logic 0s. In this
condition, the bridge can be excited from a dc
supply with a resistor divider to develop the ap-
propriate reference voltage for the VREF+ and
VREF- pins. Note that the bridge excitation
8 Data Bits
24 Data Bits
CS
SCLK
SID
DRDY
SOD
24 Data Bits
8 SCLKs
24 SCLKs
24 SCLKs
Port Access Period
Valid 51,000
XIN Clock Cycles
81,920 XIN
Clock Cycles
Figure 5. Continuous Read Conversion Data Mode (4 or 5 Wire)
CS5516, CS5520
DS74F1
21
DS74F2
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com