Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5516 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS5516
Description  16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5516 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS5516 Datasheet HTML 5Page - Cirrus Logic CS5516 Datasheet HTML 6Page - Cirrus Logic CS5516 Datasheet HTML 7Page - Cirrus Logic CS5516 Datasheet HTML 8Page - Cirrus Logic CS5516 Datasheet HTML 9Page - Cirrus Logic CS5516 Datasheet HTML 10Page - Cirrus Logic CS5516 Datasheet HTML 11Page - Cirrus Logic CS5516 Datasheet HTML 12Page - Cirrus Logic CS5516 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
SWITCHING CHARACTERISTICS (TA = TMIN to TMAX; VA+, VD+ = 5V ± 5%;
VA-, VD- = -5V
±5%; Input Levels: Logic 0 = 0V, Logic 1 = VD+; CL = 50 pF)
Parameter
Symbol
Min
Typ
Max
Units
Master Clock Frequency: Internal Oscillator / External Clock
XIN
1.0
4.096
5.0
MHz
Master Clock Duty Cycle
40
-
60
%
Rise Times
Any Digital Input
(Note 18)
Any Digital Output
trise
-
-
-
50
1.0
-
µs
ns
Fall Times
Any Digital Input
(Note 18)
Any Digital Output
tfall
-
-
-
50
1.0
-
µs
ns
Startup
Power-on Reset Period
tpor
-
100
-
ms
Oscillator Start-up Time
XTAL = 4.9152 MHz(Note 19)
tost
-60
-
ms
RST Pulse Width
tres
1/XIN
-
-
ns
Serial Port Timing
Serial Clock Frequency
SCLK
-
-
2.4
MHz
Serial Clock
Pulse Width High
Pulse Width Low
t1
t2
200
200
-
-
-
-
ns
ns
SID Write Timing
CS Enable to Valid Latch Clock
t3
150
-
-
ns
Data Set-up Time prior to SCLK rising
t4
50
-
-
ns
Data Hold Time After SCLK Rising
t5
50
-
-
ns
SCLK Falling Prior to CS Disable
t6
50
-
-
ns
SOD Read Timing
CS to Data Valid
t7
-
-
150
ns
SCLK Falling to New Data Bit
t8
-
-
170
ns
SCLK Falling to SOD Hi-Z
t9
-
-
200
ns
DRDY Falling to Valid Data
(CS = 0)
t10
-
-
150
ns
CS Rising to SOD Hi-Z
t11
-
-
150
ns
CS Disable Hold Time
t12
50
-
-
ns
CS Enable Set-up Time
t13
150
-
-
ns
CS Enable Hold Time
t14
50
-
-
ns
CS Disable Set-up Time
t15
150
-
-
ns
Notes: 18. Specified using 10% and 90% points on waveform of interest. Output loaded with 50 pF.
19. Oscillator start-up time varies with crystal parameters. This specification does not apply when using
an external clock source.
CS5516, CS5520
DS74F1
9
DS74F2
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com