Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5516 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS5516
Description  16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5516 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS5516 Datasheet HTML 23Page - Cirrus Logic CS5516 Datasheet HTML 24Page - Cirrus Logic CS5516 Datasheet HTML 25Page - Cirrus Logic CS5516 Datasheet HTML 26Page - Cirrus Logic CS5516 Datasheet HTML 27Page - Cirrus Logic CS5516 Datasheet HTML 28Page - Cirrus Logic CS5516 Datasheet HTML 29Page - Cirrus Logic CS5516 Datasheet HTML 30Page - Cirrus Logic CS5516 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
PIN DESCRIPTIONS
Power Supply Connections
VD+ - Positive Digital Power, PIN 20.
Positive digital supply voltage. Nominally +5 volts.
VD- - Negative Digital Power, PIN 21.
Negative digital supply voltage. Nominally -5 volts.
DGND - Digital Ground, PIN 19.
Digital ground.
VA+ - Positive Analog Power, PIN 3.
Positive analog supply voltage. Nominally +5 volts.
VA- - Negative Analog Power, PIN 4.
Negative analog supply voltage. Nominally -5 volts.
AGND1, AGND2 - Analog Ground, PINS 5, 8.
Analog ground.
Clock Generator
XIN; XOUT - Crystal In; Crystal Out, Pins 22, 23
An internal gate is connected to these pins enabling the use of either a crystal or a ceramic
resonator to provide the master clock for the device. Alternatively, an external (CMOS
compatible) clock can be input to the XIN pin as the master clock for the device.
1
2
3
4
5
6
7
8
9
24
23
22
21
20
19
18
17
16
10
11
12
15
14
13
Modulator Diff. Voltage Ref +
MDRV+
SMODE
Serial Interface Mode
Modulator Diff. Voltage Ref -
MDRV-
XOUT
Crystal Out
Positive Analog Power
VA+
XIN
Crystal In
Negative Analog Power
VA-
VD-
Negative Digital Power
Analog Ground One
AGND1
VD+
Positive Digital Power
Analog In +
AIN+
DGND
Digital Ground
Analog In -
AIN-
SOD
Serial Output Data
Analog Ground Two
AGND2
SID
Serial Input Data
Voltage Ref In +
VREF+
SCLK
Serial Clock Input
Voltage Ref In -
VREF-
DRDY
Data Ready
Bridge Excite 2
BX2
CS
Chip Select
Bridge Excite 1
BX1
RST
Reset
CS5516, CS5520
DS74F1
27
DS74F2
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com