Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5516 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5516
Description  16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5516 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5516 Datasheet HTML 6Page - Cirrus Logic CS5516 Datasheet HTML 7Page - Cirrus Logic CS5516 Datasheet HTML 8Page - Cirrus Logic CS5516 Datasheet HTML 9Page - Cirrus Logic CS5516 Datasheet HTML 10Page - Cirrus Logic CS5516 Datasheet HTML 11Page - Cirrus Logic CS5516 Datasheet HTML 12Page - Cirrus Logic CS5516 Datasheet HTML 13Page - Cirrus Logic CS5516 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
GENERAL DESCRIPTION
The CS5516 and CS5520 are monolithic CMOS
A/D converters which include an instrumentation
amplifier input, an on-chip programmable gain
amplifier, and a DAC for offset trimming.
While the devices are optimized for ratiometric
measurement of Wheatstone bridge applications,
they can be used for general purpose low-level
signal measurement.
Each of the devices includes a two-channel dif-
ferential delta-sigma modulator (the signal
measurement input and the reference input are
digitized independently before a digital output
word is computed), a calibration microcontroller,
a two-channel digital filter, a programmable in-
strumentation amplifier block, a 4-bit DAC for
coarse offset trimming, circuitry for generation
and demodulation of AC (actually switched DC)
bridge excitation, and a serial port. The CS5516
outputs 16-bit words; the CS5520 outputs 20-bit
words.
The CS5516/20 devices can measure either
unipolar or bipolar signals.
Self-calibration is
utilized to maximize performance of the meas-
urement system.
To better understand the
capabilities of the CS5516/20, it is helpful to ex-
amine some of the error sources in bridge
measurement systems.
XOUT
VD+
VA+
VREF+
VREF-
DGND
VA-
1
µF
AIN+
AIN-
MDRV-
0.1
µF
BX1
BX2
SCLK
SOD
SID
SMODE
CS5516
CS5520
XIN
0.1
µF
10
Ω
0.1
µF
VD-
AGND2
MDRV+
DRDY
CS
10
Ω
+5V
Analog
Supply
-5V
Analog
Supply
Excitation Supply
Synch. Signals
0.1
µF
1
µF1 µF
1
µF
1
µF
RST
+
-
1
2
12
11
9
10
6
7
5
8
AGND1
320
23
22
16
18
17
24
15
13
14
19
21
4
Bridge
Excitation
Supply
Unused logic inputs
must be connected
to DGND or VD+
Optional
Clock
Source
Control
Logic
Serial
Data
Interface
Figure 1. System Connection Diagram: AC Excitation Mode Using External Excitation
CS5516, CS5520
10
DS74F1
10
DS74F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com