Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5516 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS5516
Description  16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5516 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS5516 Datasheet HTML 3Page - Cirrus Logic CS5516 Datasheet HTML 4Page - Cirrus Logic CS5516 Datasheet HTML 5Page - Cirrus Logic CS5516 Datasheet HTML 6Page - Cirrus Logic CS5516 Datasheet HTML 7Page - Cirrus Logic CS5516 Datasheet HTML 8Page - Cirrus Logic CS5516 Datasheet HTML 9Page - Cirrus Logic CS5516 Datasheet HTML 10Page - Cirrus Logic CS5516 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
RECOMMENDED OPERATING CONDITIONS (AGND, DGND = 0V, see Note 12.)
Parameter
Symbol
Min
Typ
Max
Units
DC Power Supplies:
Positive Digital
Negative Digital
Positive Analog
Negative Analog
VD+
VD-
VA+
VA-
4.5
-4.5
4.5
-4.5
5.0
-5.0
5.0
-5.0
5.5
-5.5
5.5
-5.5
V
V
V
V
Differential Analog Reference Voltage
(VREF+) - (VREF-)
2.0
2.5
3.8
V
Analog Input Voltage:
(Note 13)
Unipolar
Bipolar
VAIN
VAIN
0
-T
-
-
+T
+T
V
V
Notes: 12. All voltages with respect to ground.
13. The CS5516 and CS5520 can accept input voltages up to +T in unipolar mode and -T to +T in bipolar
mode where T=VREF/(Gx25). G is the gain setting at the second gain block. When the inputs exceed
these values, the CS5516 and CS5520 will output positive full scale for any input above T, and
negative full scale for inputs below AGND in unipolar and -T in bipolar mode. This applies when the
analog input does not exceed
±2T overrange.
ABSOLUTE MAXIMUM RATINGS* (AGND, DGND = 0V, all voltages with respect to ground.)
Parameter
Symbol
Min
Typ
Max
Units
DC Power Supplies:
Positive Digital
(Note 14)
Negative Digital
Positive Analog
Negative Analog
VD+
VD-
VA+
VA-
-0.3
-0.3
-0.3
+0.3
-
-
-
-
(VA+)+0.3
-5.5
5.5
-5.5
V
V
V
V
Input Current, Any Pin Except Supplies
(Notes 15, 16)
lin
--
±10
mA
Analog Input Voltage
AIN and VREF pins
VINA
(VA-)-0.3
-
(VA+)+0.3
V
Digital Input Voltage
VIND
-0.3
-
(VD+)+0.3
V
Ambient Operating Temperature
TA
-55
-
125
°C
Storage Temperature
Tstg
-65
-
150
°C
Notes: 14. No pin should go more positive than (VA+)+0.3V. VD+ must always be less than (VA+)+0.3 V,and
can never exceed 6.0V.
15. Applies to all pins including continuous overvoltage conditions at the analog input pins.
16. Transient currents of up to 100mA will not cause SCR latch-up. Maximum input current for a power
supply pin is
± 50 mA.
* WARNING: Operation beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
CS5516, CS5520
DS74F1
7
DS74F2
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com