Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5516 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS5516
Description  16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5516 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS5516 Datasheet HTML 10Page - Cirrus Logic CS5516 Datasheet HTML 11Page - Cirrus Logic CS5516 Datasheet HTML 12Page - Cirrus Logic CS5516 Datasheet HTML 13Page - Cirrus Logic CS5516 Datasheet HTML 14Page - Cirrus Logic CS5516 Datasheet HTML 15Page - Cirrus Logic CS5516 Datasheet HTML 16Page - Cirrus Logic CS5516 Datasheet HTML 17Page - Cirrus Logic CS5516 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
System Initialization
Whenever
po wer
is
appl ied
to
the
CS5516/CS5520 A/D converters, the devices
must be reset to a known condition before
proper operation can occur. The internal reset is
applied after power is established and lasts for
approximately 100 ms. The RST pin can also be
used to establish a reset condition. The reset sig-
nal should remain low for at least one XIN clock
cycle to ensure adequate reset time. It is recom-
mended that the RST pin be used to reset the
converter if the power supplies rise very slowly
or with poor startup characteristics. The RST
signal can be generated by a microcontroller out-
put, or by use of an R-C circuit.
The reset function initializes the configuration
register and all five of the calibration registers;
and places the microcontroller in command
mode ready to accept a command from the serial
port. Whenever the device is reset the DRDY
pin will be set to a logic 1 and the on-chip regis-
ters are initialized to the following states:
Configuration
000000(H)
Calibration registers:
DAC
000000(H)
Gain
800000(H)
AIN Ratiometric Offset
000000(H)
AIN Non-ratiometric Offset
000000(H)
VREF Non-ratiometric Offset 000000(H)
CALIBRATION
After the CS5516/20 is reset, the device is func-
tional and can perform measurements without
being calibrated. The converter will utilize the
initialized values of the calibration registers to
calculate output words.
The converter uses the two outputs (AIN &
VREF) of the dual channel converter along with
the contents of the calibration registers to com-
pute the conversion data word. The following
equation indicates the computation.
R0
= R4
[[ DAIN − R1
DVREF
− R2] −
R3
]
Where R0 is the output data, DAIN and DVREF
are the digital output words from the AIN and
VREF digital filter channels, and R1, R2, R3
and R4 are the contents of the following calibra-
tion registers:
R1 = AIN non-ratiometric offset
R2 = VREF non-ratiometric offset
R3 = AIN ratiometric offset
R4 = Gain
The computed output word, R0, is a two’s com-
plement number.
Calibration minimizes the errors in the converted
output data. If calibration has not been per-
formed, the measurements will include offset
and gain errors of the entire system.
The converter may be calibrated each time it is
powered up, or calibration words from a pre-
vious calibration may be uploaded into the
appropriate calibration registers from some type
of E
2PROM by the system microcontroller.
The converter uses five different registers to
store specific calibration information. Each of
the calibration registers stores information perti-
nent to correcting a specific source of error
associated with either the converter or with the
input transducer and its wiring. The method by
CS5516, CS5520
14
DS74F1
14
DS74F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com