Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5516 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS5516
Description  16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5516 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS5516 Datasheet HTML 9Page - Cirrus Logic CS5516 Datasheet HTML 10Page - Cirrus Logic CS5516 Datasheet HTML 11Page - Cirrus Logic CS5516 Datasheet HTML 12Page - Cirrus Logic CS5516 Datasheet HTML 13Page - Cirrus Logic CS5516 Datasheet HTML 14Page - Cirrus Logic CS5516 Datasheet HTML 15Page - Cirrus Logic CS5516 Datasheet HTML 16Page - Cirrus Logic CS5516 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
Configuration Register
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
Register
DAC3
DAC2
DAC1
DAC0
EXC
F1
F0
D16
G1
G0
U/B
D12
Reset (R)
000000000000
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Register
A/S
EC
D9
D8
CC3
CC2
CC1
CC0
D3
D2
D1
RF
Reset (R)
000000000000
BIT
NAME
VALUE
FUNCTION
DAC3
DAC Sign Bit
0
1
R
1
Add Offset
Subtract Offset
This bit is read only
2
DAC2-0
DAC Bits
000
001
010
011
100
101
110
111
R
25% Offset
50% Offset
75% Offset
100% Offset
These bits are read only
2
125% Offset
150% Offset
175% Offset
EXC
Excitation:
Internal
External
0
1
R
BX1 and BX2 outputs are determined by bits F1 and F0
BX1 is an input which determines the phase of the
demodulation clock and the BX2 output
F1-F0
Select Frequency
00
01
10
11
R
Excitation on BX1 & BX2 is dc. BX1=0 V, BX2=+5 V
Excitation Frequency on BX1 & BX2 is XIN/8192 Hz
Excitation Frequency on BX1 & BX2 is XIN/16384 Hz
Excitation Frequency on BX1 & BX2 is XIN/4096 Hz
D16
D16
0
R
Must always be logic 0
G1-G0
Select PGA Gain
00
10
01
11
R
Gain = 1 (X25)
Gain = 2 (X25)
Gain = 4 (X25)
Gain = 8 (X25)
U/B
Select Unipolar/Bipo-
lar Mode
0
1
R
Bipolar Measurement Mode
Unipolar Measurement Mode
D12
D12
0
R
Must always be logic 0
A/S
Awake/Sleep
0
1
R
Awake Mode
Sleep Mode
EC
Execute Calibration
0
1
R
Calibration not active
Perform calibration selected by CC3-CC0 bits. EC bit
must be written back to "0" after calibration is completed
D9
D9
0
R
Must always be logic 0
D8
D8
0
R
Must always be logic 0
CC3-CC0
Calibration Control Bits
0000
1000
0100
0010
0001
R
No calibration to be performed
Calibrate non-ratiometric offset, VREF
Calibrate non-ratiometric offset, AIN
Calibrate ratiometric offset, AIN
Calibrate gain, AIN
D3
D3
0
R
Must always be logic 0
D2
D2
0
R
Must always be logic 0
D1
D2
0
R
Must always be logic 0
RF
Reset Filter
0
1
R
Normal operation
Reset Filter
Notes: 1.Reset State
2.A write to these bits does not change the register bit values. These bits are just a mirror of the DAC register contents.
Table 2. Configuration Register
CS5516, CS5520
DS74F1
13
DS74F2
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com