Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5509 Datasheet (PDF) - Cirrus Logic

CS5509 Datasheet PDF - Cirrus Logic
Part # CS5509
Download  CS5509 Download
File Size   375.55 Kbytes
Page   23 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description SINGLE SUPPLY 16BIT A/D CONVERTER

CS5509 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5509 Datasheet PDF - Cirrus Logic

Part # CS5509
Download  CS5509 Click to download

File Size   375.55 Kbytes
Page   23 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description SINGLE SUPPLY 16BIT A/D CONVERTER

CS5509 Datasheet (HTML) - Cirrus Logic


CS5509 Product details

Description
The CS5509 is a single-supply, 16-bit, serial-output CMOS A/D converter. The CS5509 uses charge-balanced (delta-sigma) techniques to provide low-cost, high-resolution measurements at output word rates up to 200 samples per second.

Features
● Delta-sigma A/D Converter
   - 16-bit, No Missing Codes
   - Linearity Error: ±0.0015%FS
● Differential Input
   - Pin-selectable Unipolar/Bipolar Ranges
   - Common Mode Rejection
      105 dB @ dc
      120 dB @ 50, 60 Hz
● Either 5V or 3.3V Digital Interface
● On-chip Self-calibration Circuitry
● Output Update Rates up to 200/second
● Ultra Low Power: 1.7 mW




Similar Part No. - CS5509

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5509 CIRRUS-CS5509 Datasheet
163Kb / 24P
Single-supply, 16-bit A/D Converter
CS5509-ASZ CIRRUS-CS5509-ASZ Datasheet
163Kb / 24P
Single-supply, 16-bit A/D Converter
CS5509 CIRRUS-CS5509_09 Datasheet
163Kb / 24P
Single-supply, 16-bit A/D Converter
More results


Similar Description - CS5509

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5516 CIRRUS-CS5516 Datasheet
923Kb / 41P
16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER
logo
Rohm
BU7858KN ROHM-BU7858KN Datasheet
322Kb / 6P
16bit D/A Converter Audio Path
logo
Asahi Kasei Microsystem...
AKD4550-E AKM-AKD4550-E Datasheet
774Kb / 26P
16bit A/D and D/A converter
AKD4563A AKM-AKD4563A_06 Datasheet
555Kb / 32P
16bit 4ch A/D and 2ch D/A converter,
AKD5355 AKM-AKD5355_06 Datasheet
223Kb / 19P
portable digital audio 16bit A/D converter
AKD5700-A AKM-AKD5700-A Datasheet
452Kb / 39P
digital audio 16bit A/D converter
AKD5701-A AKM-AKD5701-A Datasheet
461Kb / 40P
digital audio 16bit A/D converter
AKD5702-A AKM-AKD5702-A Datasheet
1Mb / 33P
portable digital audio 16bit A/D converter
logo
Cirrus Logic
CS5509 CIRRUS-CS5509_09 Datasheet
163Kb / 24P
Single-supply, 16-bit A/D Converter
logo
Rohm
BU7858KN ROHM-BU7858KN_10 Datasheet
464Kb / 25P
Mixer & Selector ICs with 16bit D/A Converter
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com