Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5509 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5509
Description  SINGLE SUPPLY 16BIT A/D CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5509 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5509 Datasheet HTML 1Page - Cirrus Logic CS5509 Datasheet HTML 2Page - Cirrus Logic CS5509 Datasheet HTML 3Page - Cirrus Logic CS5509 Datasheet HTML 4Page - Cirrus Logic CS5509 Datasheet HTML 5Page - Cirrus Logic CS5509 Datasheet HTML 6Page - Cirrus Logic CS5509 Datasheet HTML 7Page - Cirrus Logic CS5509 Datasheet HTML 8Page - Cirrus Logic CS5509 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
http://www.cirrus.com
CS5509
Single-supply, 16-bit A/D Converter
Features
Delta-sigma A/D Converter
- 16-bit, No Missing Codes
- Linearity Error: ±0.0015%FS
Differential Input
- Pin-selectable Unipolar/Bipolar Ranges
- Common Mode Rejection
105 dB @ dc
120 dB @ 50, 60 Hz
Either 5V or 3.3V Digital Interface
On-chip Self-calibration Circuitry
Output Update Rates up to 200/second
Ultra Low Power: 1.7 mW
Description
The CS5509 is a single-supply, 16-bit, serial-output
CMOS A/D converter. The CS5509 uses charge-bal-
anced (delta-sigma) techniques to provide low-cost,
high-resolution measurements at output word rates up to
200 samples per second.
The on-chip digital filter offers superior line rejection at
50Hz and 60Hz when the device is operated from a
32.768 kHz clock (output word rate = 20 Sps).
The CS5509 has on-chip self-calibration circuitry which
can be initiated at any time or temperature to ensure
minimum offset and full-scale errors.
Low power, high resolution, and small package size
make the CS5509 an ideal solution for loop-powered
transmitters, panel meters, weigh scales, and battery
powered instruments.
ORDERING INFORMATION
CS5509-AP -40 °C to +85 °C
16-pin PDIP
CS5509-AS -40 °C to +85 °C
16-pin SOIC
CS5509-ASZ -40 °C to +85 °C
16-pin SOIC Lead Free
I
Differential
4th order
delta-sigma
modulator
VD+
13
VA+
VREF+
9
VREF-
10
AIN-
8
AIN+
7
Calibration
SRAM
Serial
Interface
Logic
Digital
Filter
XIN
4
XOUT
5
CONV
2
Calibration µC
OSC
CAL
3
6
BP/UP
CS
1
DRDY
16
SDATA
15
SCLK
14
11
GND
12
AUG ‘05
DS125F2


Similar Part No. - CS5509

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5509 CIRRUS-CS5509 Datasheet
163Kb / 24P
Single-supply, 16-bit A/D Converter
CS5509-ASZ CIRRUS-CS5509-ASZ Datasheet
163Kb / 24P
Single-supply, 16-bit A/D Converter
CS5509 CIRRUS-CS5509_09 Datasheet
163Kb / 24P
Single-supply, 16-bit A/D Converter
More results

Similar Description - CS5509

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5516 CIRRUS-CS5516 Datasheet
923Kb / 41P
16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER
logo
Rohm
BU7858KN ROHM-BU7858KN Datasheet
322Kb / 6P
16bit D/A Converter Audio Path
logo
Asahi Kasei Microsystem...
AKD4550-E AKM-AKD4550-E Datasheet
774Kb / 26P
16bit A/D and D/A converter
AKD4563A AKM-AKD4563A_06 Datasheet
555Kb / 32P
16bit 4ch A/D and 2ch D/A converter,
AKD5355 AKM-AKD5355_06 Datasheet
223Kb / 19P
portable digital audio 16bit A/D converter
AKD5700-A AKM-AKD5700-A Datasheet
452Kb / 39P
digital audio 16bit A/D converter
AKD5701-A AKM-AKD5701-A Datasheet
461Kb / 40P
digital audio 16bit A/D converter
AKD5702-A AKM-AKD5702-A Datasheet
1Mb / 33P
portable digital audio 16bit A/D converter
logo
Cirrus Logic
CS5509 CIRRUS-CS5509_09 Datasheet
163Kb / 24P
Single-supply, 16-bit A/D Converter
logo
Rohm
BU7858KN ROHM-BU7858KN_10 Datasheet
464Kb / 25P
Mixer & Selector ICs with 16bit D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com