Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5509 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS5509
Description  SINGLE SUPPLY 16BIT A/D CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5509 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS5509 Datasheet HTML 15Page - Cirrus Logic CS5509 Datasheet HTML 16Page - Cirrus Logic CS5509 Datasheet HTML 17Page - Cirrus Logic CS5509 Datasheet HTML 18Page - Cirrus Logic CS5509 Datasheet HTML 19Page - Cirrus Logic CS5509 Datasheet HTML 20Page - Cirrus Logic CS5509 Datasheet HTML 21Page - Cirrus Logic CS5509 Datasheet HTML 22Page - Cirrus Logic CS5509 Datasheet HTML 23Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
CS5509
22
DS125F2
PACKAGE DIMENSIONS
16 p in
Plastic DIP
M ILLIM E TE R S
INCHE S
D IM
M IN
M A X
M IN
M A X
D
B
A
L
C
6.10
18 .93
0.89
0.38
0.51
3.94
3.18
0.20
0°
7.62
6.60
19 .9 3
1.65
0.53
1.02
5.08
3.81
0.38
15 °
0.2 4 0
0.7 4 5
0.0 3 5
0.0 1 5
0.0 2 0
0.1 5 5
0.1 2 5
0.3 0 0
0.0 0 8
0°
0.26 0
0.78 5
0.06 5
0.02 1
0.04 0
0.20 0
0.15 0
0.01 5
15 °
8.25
0 .3 2 5
E1
1
16
8
9
D
B1
e1
B
A1
L
A
SE AT IN G
PL A N E
C
eA
2 .4 1
2.67
0.0 9 5
0 .1 0 5
∝
∝
NO T E S :
1 . PO S IT IO N AL TO L E RA N C E O F L E A D S SH A L L B E W IT H IN
0.1 3 mm (0 .0 0 5 ") A T MA X IMU M MA T E R IA L C O N D IT IO N , IN
R E L A TIO N T O S E A T IN G PL AN E AN D E A C H O T H E R .
2 . DIM E N S IO N e A T O C E NT E R O F L E A D S W H E N F O RM E D P A RA L L E L .
3 . DIM E NS IO N E 1 D O E S NO T INCL U D E M O L D F L A S H.
NOM
6.3 5
19 .4 3
1.2 7
0.4 6
0.2 5
2.5 4
NO M
0.2 5 0
0.7 6 5
0.0 5 0
0.0 1 8
-
-
-
-
0.0 1 0
-
0.1 0 0
-
-
-
-
-
eA
e1
E1
B1
A1
SOIC
MILLIMETERS
INCHES
MIN
MAX
MAX
MIN
0.095
0.105
2.41
2.67
0.008
0.015
0.203
0.381
0.398
0.420
10.11
10.67
0.020
0.013
0.51
0.33
0.016
0.035
0.41
0.89
8°
0°
0°
8°
MILLIMETERS
INCHES
MIN
MAX
MAX
MIN
pins
0.410
0.390
9.91
10.41
16
0.510
0.490
12.45
12.95
20
0.610
0.590
14.99
15.50
24
0.710
0.690
17.53
18.03
28
0.012
0.005
0.127
0.300
1.14
0.040
DIM
E
E
b
L
D
e
A
A
c
0.292
0.298
7.42
7.57
D
E
E1
e
A
A
b
1
A 2
c
L
µ
1
µ
1
1.40
0.055
A 2
see table above
NOM
2.54
0.280
10.41
0.46
-
-
NOM
10.16
12.70
15.24
17.78
-
7.49
1.27
2.29
2.54
2.41
NOM
0.100
0.011
0.410
0.018
-
-
NOM
0.400
0.500
0.600
0.700
-
0.295
0.050
0.100
0.090 0.095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com