Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5509 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS5509
Description  SINGLE SUPPLY 16BIT A/D CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5509 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS5509 Datasheet HTML 5Page - Cirrus Logic CS5509 Datasheet HTML 6Page - Cirrus Logic CS5509 Datasheet HTML 7Page - Cirrus Logic CS5509 Datasheet HTML 8Page - Cirrus Logic CS5509 Datasheet HTML 9Page - Cirrus Logic CS5509 Datasheet HTML 10Page - Cirrus Logic CS5509 Datasheet HTML 11Page - Cirrus Logic CS5509 Datasheet HTML 12Page - Cirrus Logic CS5509 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
CS5509
DS125F2
9
Notes: 19. All voltages with respect to ground.
20. The CS5509 can be operated with a reference voltage as low as 100 mV; but with a corresponding
reduction in noise-free resolution. The common mode voltage of the voltage reference may be any value
as long as +VREF and -VREF remain inside the supply values of VA+ and GND.
Notes: 21. No pin should go more positive than (VA+) + 0.3 V.
22. VD+ must always be less than (VA+) + 0.3 V, and can never exceed +6.0 V.
23. Applies to all pins including continuous overvoltage conditions at the analog input (AIN) pin.
24. Transient currents of up to 100 mA will not cause SCR latch-up. Maximum input current for a power
supply pin is ± 50 mA.
25. Total power dissipation, including all input currents and output currents.
*WARNING:Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS (DGND = 0V) (Note 19)
Parameter
Symbol
Min
Typ
Max
Unit
DC Power Supplies
Positive Digital
Positive Analog
VD+
VA+
3.15
4.5
5.0
5.0
5.5
5.5
V
V
Analog Reference Voltage
(Note 20)
(VREF+) -
(VREF-)
1.0
2.5
3.6
V
Analog Input Voltage
(Note 6)
Unipolar
Bipolar
VAIN
VAIN
0
-((VREF+) - (VREF-))
-
-
(VREF+) - (VREF-)
(VREF+) - (VREF-)
V
V
ABSOLUTE MAXIMUM RATINGS*
Parameter
Symbol
Min
Typ
Max
Unit
DC Power Supplies
Ground
(Note 21)
Positive Digital
(Note 22)
Positive Analog
GND
VD+
VA+
-0.3
-0.3
-0.3
-
-
-
(VD+)-0.3
6.0
6.0
V
V
V
Input Current, Any Pin Except Supplies
(Notes 23 and 24)
Iin
--
±10
mA
Output Current
Iout
--
±25
mA
Power Dissipation (Total)
(Note 25)
-
-
500
mW
Analog Input Voltage
AIN and VREF pins
VINA
-0.3
-
(VA+)+0.3
V
Digital Input Voltage
VIND
-0.3
-
(VD+)+0.3
V
Ambient Operating Temperature
TA
-40
-
85
°C
Storage Temperature
Tstg
-65
-
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com