Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8236ARMZ1 Datasheet (PDF) - Analog Devices

AD8236ARMZ1 Datasheet PDF - Analog Devices
Part # AD8236ARMZ1
Download  AD8236ARMZ1 Download
File Size   514.37 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 40 關A Micropower Instrumentation Amplifier with Zero Crossover Distortion

AD8236ARMZ1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8236ARMZ1 Datasheet PDF - Analog Devices

Part # AD8236ARMZ1
Download  AD8236ARMZ1 Click to download

File Size   514.37 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 40 關A Micropower Instrumentation Amplifier with Zero Crossover Distortion

AD8236ARMZ1 Datasheet (HTML) - Analog Devices


AD8236ARMZ1 Product details

GENERAL DESCRIPTION
The AD8236 is the lowest power instrumentation amplifier in the industry. It has rail-to-rail outputs and can operate on voltages as low as 1.8 V. Its 40 μA maximum supply current makes it an excellent choice in battery-powered applications.
The AD8236’s high input impedance, low input bias current of 1 pA, high CMRR of 110 dB (G = 100), small size, and low power offer tremendous value. It has a wider common-mode voltage range than typical three-op-amp instrumentation amplifiers, making this a great solution for applications that operate on a single 1.8 V or 3 V supply. An innovative input stage allows for a wide rail-to-rail input voltage range without the crossover distortion common in other designs.
The AD8236 is available in an 8-lead MSOP and is specified over the industrial temperature range of −40°C to +125°C.

FEATURES
   Low power: 40 μA supply current (maximum)
   Low input currents
      1 pA input bias current
      0.5 pA input offset current
   High CMRR: 110 dB CMRR, G = 100
   Space-saving MSOP
   Zero input crossover distortion
   Rail-to-rail input and output
   Gain set with single resistor
   Operates from 1.8 V to 5.5 V

APPLICATIONS
   Medical instrumentation
   Low-side current sense
   Portable devices




Similar Part No. - AD8236ARMZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8236ARMZ1 AD-AD8236ARMZ1 Datasheet
480Kb / 21P
40 關A Micropower Instrumentation Amplifier with Zero Crossover Distortion
Rev. 0
More results


Similar Description - AD8236ARMZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8506 AD-AD8506_07 Datasheet
535Kb / 20P
20 關A Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
REV. A
ADA4505-2 AD-ADA4505-2 Datasheet
708Kb / 20P
10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. 0
ADA4505-4 AD-ADA4505-4 Datasheet
825Kb / 20P
10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
REV. A
AD8235 AD-AD8235 Datasheet
521Kb / 20P
40 關A Micropower Instrumentation Amplifier in WLCSP Package
REV. 0
AD8237 AD-AD8237 Datasheet
648Kb / 28P
Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
REV. 0
AD8235 AD-AD8235_16 Datasheet
591Kb / 21P
40 關A Micropower Instrumentation Amplifier in WLCSP Package
REV. A
AD8236 AD-AD8236_16 Datasheet
480Kb / 21P
40 關A Micropower Instrumentation Amplifier with Zero Crossover Distortion
Rev. 0
AD8237 AD-AD8237_16 Datasheet
691Kb / 29P
Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
Rev. 0
AD8505 AD-AD8505_16 Datasheet
655Kb / 20P
20 關A Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
Rev. E
ADA4505-1 AD-ADA4505-1_16 Datasheet
846Kb / 24P
10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com