Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7611 Datasheet (PDF) - Analog Devices

ADV7611 Datasheet PDF - Analog Devices
Part # ADV7611
Download  ADV7611 Download
File Size   245.28 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power 165 MHz HDMI Receiver

ADV7611 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7611 Datasheet PDF - Analog Devices

Part # ADV7611
Download  ADV7611 Click to download

File Size   245.28 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power 165 MHz HDMI Receiver

ADV7611 Datasheet (HTML) - Analog Devices


ADV7611 Product details

GENERAL DESCRIPTION

The ADV7611 is offered in automotive, professional (no HDCP), and industrial versions. The operating temperature range is −40°C to +85°C.

The UG-180 contains critical information that must be used in conjunction with the ADV7611.

The ADV7611 is a high quality, single input HDMI®-capable receiver. It incorporates an HDMI-capable receiver that supports all mandatory 3D TV defined in HDMI 1.4a. The ADV7611 supports formats up to UXGA 60 Hz at 8 bit.



FEATURES

High-Definition Multimedia Interface (HDMI®) 1.4a features supported

   All mandatory and additional 3D video formats supported

   Extended colorimetry, including sYCC601, Adobe RGB,

   Adobe YCC 601, xvYCC extended gamut color

   CEC 1.4-compatible

HDMI receiver

  165 MHz maximum TMDS clock frequency

  24-bit output pixel bus

  High-bandwidth Digital Content Protection (HDCP) 1.4 support with internal HDCP keys

  HDCP repeater support Up to 127 KSVs supported

  Integrated CEC controller

  Programmable HDMI equalizer

  5 V detect and Hot Plug assert for HDMI port

Audio support

   SPDIF (IEC 60958-compatible) digital audio

   HDMI audio extraction support

   Advanced audio mute feature

General

  Interrupt controller with two interrupt outputs

  Standard identification (STDI) circuit

  Highly flexible 24-bit pixel output interface

  Internal EDID RAM

  Any-to-any 3 × 3 color space conversion (CSC) matrix

  2-layer PCB design supported

  64-lead LQFP_EP, 10 mm × 10 mm package

Qualified for automotive applications



APPLICATIONS

Projectors

Automotive

Video conferencing

HDTVs

AVR, HTiB

Soundbars

Video switches



 




Similar Part No. - ADV7611

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7610 AD-ADV7610 Datasheet
279Kb / 16P
Low Power, 165 MHz HDMI Receiver
REV. 0
ADV7610BBCZ AD-ADV7610BBCZ Datasheet
279Kb / 16P
Low Power, 165 MHz HDMI Receiver
REV. 0
ADV7610BBCZ-P AD-ADV7610BBCZ-P Datasheet
279Kb / 16P
Low Power, 165 MHz HDMI Receiver
REV. 0
ADV7610BBCZ-P-RL AD-ADV7610BBCZ-P-RL Datasheet
279Kb / 16P
Low Power, 165 MHz HDMI Receiver
REV. 0
ADV7610BBCZ-RL AD-ADV7610BBCZ-RL Datasheet
279Kb / 16P
Low Power, 165 MHz HDMI Receiver
REV. 0
More results


Similar Description - ADV7611

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII9023 SILICONIMAGE-SII9023 Datasheet
310Kb / 2P
HDMI Receiver
SII9033 SILICONIMAGE-SII9033 Datasheet
314Kb / 2P
HDMI Receiver
SII9135 SILICONIMAGE-SII9135 Datasheet
288Kb / 2P
VastLane??HDMI Receiver
SII9233 SILICONIMAGE-SII9233 Datasheet
240Kb / 2P
VastLane HDMI Receiver
logo
Analog Devices
ADV7511W AD-ADV7511W Datasheet
191Kb / 12P
165 MHz, High Performance HDMI Transmitter 3D video support
REV. 0
ADV7610 AD-ADV7610 Datasheet
279Kb / 16P
Low Power, 165 MHz HDMI Receiver
REV. 0
ADV7612BSWZ AD-ADV7612BSWZ Datasheet
501Kb / 20P
Dual Port, Xpressview, 225 MHz HDMI Receiver
REV. D
ADV7612 AD-ADV7612_14 Datasheet
308Kb / 20P
Dual Port, Xpressview, 225 MHz HDMI Receiver
1/14-Rev. D to Rev. E
ADV7511W AD-ADV7511W_12 Datasheet
199Kb / 12P
165 MHz, High Performance HDMI Transmitter
6/12-Rev. 0 to Rev. A
ADV7513 AD-ADV7513_14 Datasheet
199Kb / 12P
165 MHz, High Performance HDMI Transmitter
5/14-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com