Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500AI Datasheet (PDF) - SMSC Corporation

LAN9500AI Datasheet PDF - SMSC Corporation
Part # LAN9500AI
Download  LAN9500AI Download
File Size   829.08 Kbytes
Page   66 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description USB 2.0 to 10/100 Ethernet Controller Promiscuous mode

LAN9500AI Datasheet (PDF)

Go To PDF Page Download Datasheet
LAN9500AI Datasheet PDF - SMSC Corporation

Part # LAN9500AI
Download  LAN9500AI Click to download

File Size   829.08 Kbytes
Page   66 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description USB 2.0 to 10/100 Ethernet Controller Promiscuous mode

LAN9500AI Datasheet (HTML) - SMSC Corporation


LAN9500AI Product details

Overview
The LAN950x is a high performance Hi-Speed USB 2.0 to 10/100 Ethernet controller. With applications ranging from embedded systems, set-top boxes, and PVR’s, to USB port replicators, USB to Ethernet dongles, and test instrumentation, the device is a high performance and cost competitive USB to Ethernet connectivity solution.
The LAN950x contains an integrated 10/100 Ethernet PHY, USB PHY, Hi-Speed USB 2.0 device controller, 10/100 Ethernet MAC, TAP controller, EEPROM controller, and a FIFO controller with a total of 30 KB of internal packet buffering.
The internal USB 2.0 device controller and USB PHY are compliant with the USB 2.0 Hi-Speed standard. The device implements Control, Interrupt, Bulk-in, and Bulk-out USB Endpoints.

PRODUCT FEATURES
Highlights
◾ Single Chip Hi-Speed USB 2.0 to 10/100 Ethernet
   Controller
◾ Integrated 10/100 Ethernet MAC with Full-Duplex
   Support
◾ Integrated 10/100 Ethernet PHY with HP Auto-MDIX
   support
◾ Integrated USB 2.0 Hi-Speed Device Controller
◾ Integrated USB 2.0 Hi-Speed PHY
◾ Implements Reduced Power Operating Modes

Target Applications
◾ Embedded Systems
◾ Set-Top Boxes
◾ PVR’s
◾ CE Devices
◾ Networked Printers
◾ USB Port Replicators
◾ Standalone USB to Ethernet Dongles
◾ Test Instrumentation
◾ Industrial

Key Features
◾ USB Device Controller
   — Fully compliant with Hi-Speed Universal Serial Bus
      Specification Revision 2.0
   — Supports HS (480 Mbps) and FS (12 Mbps) modes
   — Four endpoints supported
   — Supports vendor specific commands
   — Integrated USB 2.0 PHY
   — Remote wakeup supported
◾ High-Performance 10/100 Ethernet Controller
   — Fully compliant with IEEE802.3/802.3u
   — Integrated Ethernet MAC and PHY
   — 10BASE-T and 100BASE-TX support
   — Full- and half-duplex support
   — Full- and half-duplex flow control
   — Preamble generation and removal
   — Automatic 32-bit CRC generation and checking
   — Automatic payload padding and pad removal
   — Loop-back modes
   — TCP/UDP/IP/ICMP checksum offload support
   — Flexible address filtering modes
   – One 48-bit perfect address
   – 64 hash-filtered multicast addresses
   – Pass all multicast
   – Promiscuous mode
   – Inverse filtering
   – Pass all incoming with status report
   — Wakeup packet support
   — Integrated Ethernet PHY
   – Auto-negotiation
   – Automatic polarity detection and correction
   – HP Auto-MDIX support
   – Link status change wake-up detection
   — Support for 3 status LEDs
   — External MII and Turbo MII support HomePNA™ and
      HomePlug® PHY
◾ Power and I/Os
   — Various low power modes
   — NetDetach feature increases battery life 1
   — Supports PCI-like PME wake 1
   — 11 GPIOs
   — Supports bus-powered and self-powered operation
   — Integrated power-on reset circuit
   — Single external 3.3v I/O supply
   – Internal core regulator
◾ Miscellaneous Features
   — EEPROM Controller
   — Supports custom operation without EEPROM 1
   — IEEE 1149.1 (JTAG) Boundary Scan
   — Requires single 25 MHz crystal
◾ Software
   — Windows XP/Vista Driver
   — Linux Driver
   — Win CE Driver
   — MAC OS Driver
   — EEPROM Utility
◾ Packaging
   — 56-pin QFN (8x8 mm) Lead-Free RoHS Compliant
◾ Environmental
   — Commercial Temperature Range (0°C to +70°C)
   — Industrial Temperature Range (-40°C to +85°C)




Similar Part No. - LAN9500AI

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN9500AI MICROCHIP-LAN9500AI Datasheet
1Mb / 213P
LAN950x USB 2.0 to 10/100 Ethernet Controller
03/25/14
More results


Similar Description - LAN9500AI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KL5KUSB121 ETC-KL5KUSB121 Datasheet
303Kb / 17P
USB to 10/100 Ethernet Controller
logo
ASIX Electronics Corpor...
AX88772A ASIX-AX88772A Datasheet
913Kb / 45P
USB 2.0 to 10/100M Fast Ethernet Controller
logo
SMSC Corporation
LAN9512 SMSC-LAN9512 Datasheet
846Kb / 48P
USB 2.0 Hub and 10/100 Ethernet Controller
LAN9514 SMSC-LAN9514 Datasheet
867Kb / 49P
USB 2.0 Hub and 10/100 Ethernet Controller
logo
Microchip Technology
LAN7500 MICROCHIP-LAN7500 Datasheet
1Mb / 58P
Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
03/25/14
LAN9500 MICROCHIP-LAN9500 Datasheet
1Mb / 213P
LAN950x USB 2.0 to 10/100 Ethernet Controller
03/25/14
logo
SMSC Corporation
LAN9514 SMSC-LAN9514_12 Datasheet
884Kb / 52P
USB 2.0 Hub and 10/100 Ethernet Controller
LAN9513 SMSC-LAN9513 Datasheet
863Kb / 51P
USB 2.0 Hub and 10/100 Ethernet Controller
LAN9512 SMSC-LAN9512_12 Datasheet
861Kb / 51P
USB 2.0 Hub and 10/100 Ethernet Controller
logo
Microchip Technology
LAN9514 MICROCHIP-LAN9514 Datasheet
699Kb / 54P
USB 2.0 Hub and 10/100 Ethernet Controller
10/28/16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com