Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500AI Datasheet(PDF) 1 Page - SMSC Corporation

Part # LAN9500AI
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500AI Datasheet(HTML) 1 Page - SMSC Corporation

  LAN9500AI Datasheet HTML 1Page - SMSC Corporation LAN9500AI Datasheet HTML 2Page - SMSC Corporation LAN9500AI Datasheet HTML 3Page - SMSC Corporation LAN9500AI Datasheet HTML 4Page - SMSC Corporation LAN9500AI Datasheet HTML 5Page - SMSC Corporation LAN9500AI Datasheet HTML 6Page - SMSC Corporation LAN9500AI Datasheet HTML 7Page - SMSC Corporation LAN9500AI Datasheet HTML 8Page - SMSC Corporation LAN9500AI Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
SMSC LAN950x Family
Revision 1.1 (04-18-13)
DATASHEET
Datasheet
PRODUCT FEATURES
LAN9500/LAN9500i
LAN9500A/LAN9500Ai
USB 2.0 to 10/100 Ethernet Controller
Highlights
Single Chip Hi-Speed USB 2.0 to 10/100 Ethernet
Controller
Integrated 10/100 Ethernet MAC with Full-Duplex
Support
Integrated 10/100 Ethernet PHY with HP Auto-MDIX
support
Integrated USB 2.0 Hi-Speed Device Controller
Integrated USB 2.0 Hi-Speed PHY
Implements Reduced Power Operating Modes
Target Applications
Embedded Systems
Set-Top Boxes
PVR’s
CE Devices
Networked Printers
USB Port Replicators
Standalone USB to Ethernet Dongles
Test Instrumentation
Industrial
Key Features
USB Device Controller
— Fully compliant with Hi-Speed Universal Serial Bus
Specification Revision 2.0
— Supports HS (480 Mbps) and FS (12 Mbps) modes
— Four endpoints supported
— Supports vendor specific commands
— Integrated USB 2.0 PHY
— Remote wakeup supported
High-Performance 10/100 Ethernet Controller
— Fully compliant with IEEE802.3/802.3u
— Integrated Ethernet MAC and PHY
— 10BASE-T and 100BASE-TX support
— Full- and half-duplex support
— Full- and half-duplex flow control
— Preamble generation and removal
— Automatic 32-bit CRC generation and checking
— Automatic payload padding and pad removal
— Loop-back modes
— TCP/UDP/IP/ICMP checksum offload support
— Flexible address filtering modes
– One 48-bit perfect address
– 64 hash-filtered multicast addresses
– Pass all multicast
– Promiscuous mode
– Inverse filtering
– Pass all incoming with status report
— Wakeup packet support
— Integrated Ethernet PHY
– Auto-negotiation
– Automatic polarity detection and correction
– HP Auto-MDIX support
– Link status change wake-up detection
— Support for 3 status LEDs
— External MII and Turbo MII support HomePNA™ and
HomePlug® PHY
Power and I/Os
— Various low power modes
— NetDetach feature increases battery life 1
— Supports PCI-like PME wake 1
—11 GPIOs
— Supports bus-powered and self-powered operation
— Integrated power-on reset circuit
— Single external 3.3v I/O supply
– Internal core regulator
Miscellaneous Features
— EEPROM Controller
— Supports custom operation without EEPROM 1
— IEEE 1149.1 (JTAG) Boundary Scan
— Requires single 25 MHz crystal
Software
— Windows XP/Vista Driver
— Linux Driver
— Win CE Driver
—MAC OS Driver
— EEPROM Utility
Packaging
— 56-pin QFN (8x8 mm) Lead-Free RoHS Compliant
Environmental
— Commercial Temperature Range (0°C to +70°C)
— Industrial Temperature Range (-40°C to +85°C)
1 = LAN9500A/LAN9500Ai only


Similar Part No. - LAN9500AI

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN9500AI MICROCHIP-LAN9500AI Datasheet
1Mb / 213P
LAN950x USB 2.0 to 10/100 Ethernet Controller
03/25/14
More results

Similar Description - LAN9500AI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KL5KUSB121 ETC-KL5KUSB121 Datasheet
303Kb / 17P
USB to 10/100 Ethernet Controller
logo
ASIX Electronics Corpor...
AX88772A ASIX-AX88772A Datasheet
913Kb / 45P
USB 2.0 to 10/100M Fast Ethernet Controller
logo
SMSC Corporation
LAN9512 SMSC-LAN9512 Datasheet
846Kb / 48P
USB 2.0 Hub and 10/100 Ethernet Controller
LAN9514 SMSC-LAN9514 Datasheet
867Kb / 49P
USB 2.0 Hub and 10/100 Ethernet Controller
logo
Microchip Technology
LAN7500 MICROCHIP-LAN7500 Datasheet
1Mb / 58P
Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
03/25/14
LAN9500 MICROCHIP-LAN9500 Datasheet
1Mb / 213P
LAN950x USB 2.0 to 10/100 Ethernet Controller
03/25/14
logo
SMSC Corporation
LAN9514 SMSC-LAN9514_12 Datasheet
884Kb / 52P
USB 2.0 Hub and 10/100 Ethernet Controller
LAN9513 SMSC-LAN9513 Datasheet
863Kb / 51P
USB 2.0 Hub and 10/100 Ethernet Controller
LAN9512 SMSC-LAN9512_12 Datasheet
861Kb / 51P
USB 2.0 Hub and 10/100 Ethernet Controller
logo
Microchip Technology
LAN9514 MICROCHIP-LAN9514 Datasheet
699Kb / 54P
USB 2.0 Hub and 10/100 Ethernet Controller
10/28/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com