Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500AI Datasheet(PDF) 28 Page - SMSC Corporation

Part # LAN9500AI
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500AI Datasheet(HTML) 28 Page - SMSC Corporation

Back Button LAN9500AI Datasheet HTML 24Page - SMSC Corporation LAN9500AI Datasheet HTML 25Page - SMSC Corporation LAN9500AI Datasheet HTML 26Page - SMSC Corporation LAN9500AI Datasheet HTML 27Page - SMSC Corporation LAN9500AI Datasheet HTML 28Page - SMSC Corporation LAN9500AI Datasheet HTML 29Page - SMSC Corporation LAN9500AI Datasheet HTML 30Page - SMSC Corporation LAN9500AI Datasheet HTML 31Page - SMSC Corporation LAN9500AI Datasheet HTML 32Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
Revision 1.1 (04-18-13)
28
SMSC LAN950x Family
DATASHEET
Table 5.2 describes the Configuration Flags.
Table 5.2 Configuration Flags
BITS
DESCRIPTION
7:6
RESERVED
5:4
(LAN9500A/LAN9500Ai Only, Otherwise RESERVED)
PHY Boost
This field provides the ability to boost the electrical drive strength of the HS output current to the
upstream port.
00 = Normal electrical drive strength.
01 = Elevated electrical drive strength (+4% boost).
10 = Elevated electrical drive strength (+8% boost).
11 = Elevated electrical drive strength (+12% boost).
3
RESERVED
2
Remote Wakeup Support
0 = The device does not support remote wakeup.
1 = The device supports remote wakeup.
1
(LAN9500A/LAN9500Ai Only, Otherwise RESERVED)
LED Select
This bit determines the functionality of external LED pins.
0
Power Method
0 = The device is bus powered.
1 = The device is self powered.
BIT
VALUE
PIN NAME
FUNCTION
0
nSPD_LED
Speed Indicator
nLNKA_LED
Link and Activity Indicator
nFDX_LED
Full Duplex Link Indicator
1
nSPD_LED
Speed Indicator
nLNKA_LED
Link Indicator
nFDX_LED
Activity Indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com