Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500AI Datasheet(PDF) 48 Page - SMSC Corporation

Part # LAN9500AI
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500AI Datasheet(HTML) 48 Page - SMSC Corporation

Back Button LAN9500AI Datasheet HTML 44Page - SMSC Corporation LAN9500AI Datasheet HTML 45Page - SMSC Corporation LAN9500AI Datasheet HTML 46Page - SMSC Corporation LAN9500AI Datasheet HTML 47Page - SMSC Corporation LAN9500AI Datasheet HTML 48Page - SMSC Corporation LAN9500AI Datasheet HTML 49Page - SMSC Corporation LAN9500AI Datasheet HTML 50Page - SMSC Corporation LAN9500AI Datasheet HTML 51Page - SMSC Corporation LAN9500AI Datasheet HTML 52Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
Revision 1.1 (04-18-13)
48
SMSC LAN950x Family
DATASHEET
8.2
Operating Conditions**
Supply Voltage (VDD33A, VDD33BIAS, VDD33IO) . . . . . . . . . . . . . . . . . . . . . . . . . . . +3.3V +/- 300mV
Ambient Operating Temperature in Still Air (TA). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Note 8.4
**Proper operation of the device is guaranteed only within the ranges specified in this section.
8.3
Power Consumption
This section details the power consumption of the device as measured during various modes of
operation. Power consumption values are provided for both the device-only, and for the device plus
Ethernet components. Power dissipation is determined by temperature, supply voltage, and external
source/sink requirements.
Note: All current consumption and power dissipation values were measured at VDD33IO and
VDD33A equal to 3.3V.
8.3.1
SUSPEND0
Table 8.1 Power Consumption/Dissipation - SUSPEND0 (LAN9500/LAN9500i)
PARAMETER
MIN
TYPICAL
MAX
UNIT
Supply current (VDD33IO, VDD33A) (Device Only)
78
mA
Power Dissipation (Device Only)
257
mW
Power Dissipation (Device and Ethernet components)
395
mW
Table 8.2 Power Consumption/Dissipation - SUSPEND0 (LAN9500A/LAN9500Ai)
PARAMETER
MIN
TYPICAL
MAX
UNIT
Supply current (VDD33IO, VDD33A) (Device Only)
46
mA
Power Dissipation (Device Only)
152
mW
Power Dissipation (Device and Ethernet components)
291
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com