Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500AI Datasheet(PDF) 34 Page - SMSC Corporation

Part # LAN9500AI
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500AI Datasheet(HTML) 34 Page - SMSC Corporation

Back Button LAN9500AI Datasheet HTML 30Page - SMSC Corporation LAN9500AI Datasheet HTML 31Page - SMSC Corporation LAN9500AI Datasheet HTML 32Page - SMSC Corporation LAN9500AI Datasheet HTML 33Page - SMSC Corporation LAN9500AI Datasheet HTML 34Page - SMSC Corporation LAN9500AI Datasheet HTML 35Page - SMSC Corporation LAN9500AI Datasheet HTML 36Page - SMSC Corporation LAN9500AI Datasheet HTML 37Page - SMSC Corporation LAN9500AI Datasheet HTML 38Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
Revision 1.1 (04-18-13)
34
SMSC LAN950x Family
DATASHEET
62h
FA
Maximum Power Consumption is 500 mA
63h
09
Size of Descriptor in Bytes (9 Bytes)
64h
04
Descriptor Type (Interface Descriptor - 04h)
65h
00
Number identifying this Interface
66h
00
Value used to select alternative setting
67h
03
Number of Endpoints used for this interface (Less endpoint 0)
68h
FF
Class Code
69h
00
Subclass Code
6Ah
FF
Protocol Code
6Bh
00
Index of String Descriptor Describing this interface
6Ch
12
Size of Full-Speed Device Descriptor in Bytes (18 Bytes)
6Dh
01
Descriptor Type (Device Descriptor - 01h)
6Eh-6Fh
00 02
USB Specification Number that the device complies with (0200h)
70h
FF
Class Code
71h
00
Subclass Code
72h
01
Protocol Code
73h
40
Maximum Packet Size for Endpoint 0
74h-75h
24 04
Vendor ID (0424h)
76h-77h
00 95
Product ID (9500h)
78h-79h
00 01
Device Release Number (0100h)
7Ah
01
Index of Manufacturer String Descriptor
7Bh
02
Index of Product String Descriptor
7Ch
03
Index of Serial Number String Descriptor
7Dh
01
Number of Possible Configurations
7Eh
09
Size of Full-Speed Configuration Descriptor in bytes (9 bytes)
7Fh
02
Descriptor Type (Configuration Descriptor - 02h)
80h-81h
27 00
Total length in bytes of data returned (0027h = 39 bytes)
82h
01
Number of Interfaces
83h
01
Value to use as an argument to select this configuration
84h
00
Index of String Descriptor describing this configuration
Table 5.6 EEPROM Example - 256 Byte EEPROM - LAN9500/LAN9500i (continued)
EEPROM
ADDRESS
EEPROM
CONTENTS
(HEX)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com