Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500AI Datasheet(PDF) 18 Page - SMSC Corporation

Part # LAN9500AI
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500AI Datasheet(HTML) 18 Page - SMSC Corporation

Back Button LAN9500AI Datasheet HTML 14Page - SMSC Corporation LAN9500AI Datasheet HTML 15Page - SMSC Corporation LAN9500AI Datasheet HTML 16Page - SMSC Corporation LAN9500AI Datasheet HTML 17Page - SMSC Corporation LAN9500AI Datasheet HTML 18Page - SMSC Corporation LAN9500AI Datasheet HTML 19Page - SMSC Corporation LAN9500AI Datasheet HTML 20Page - SMSC Corporation LAN9500AI Datasheet HTML 21Page - SMSC Corporation LAN9500AI Datasheet HTML 22Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
Revision 1.1 (04-18-13)
18
SMSC LAN950x Family
DATASHEET
1
JTAG Test
Clock
(Internal PHY
Mode)
TCK
IS
(PU)
In internal PHY mode, this pin functions as the
JTAG test clock. The maximum operating
frequency of this clock is 25MHz.
Receive Data
1
(External
PHY Mode)
RXD1
IS
(PD)
In external PHY mode, this pin functions as the
receive data 1 input from the external PHY.
1
JTAG Test
Mode Select
(Internal PHY
Mode)
TMS
IS
(PU)
In internal PHY mode, this pin functions as the
JTAG test mode select.
Receive Data
2
(External
PHY Mode)
RXD2
IS
(PD)
In external PHY mode, this pin functions as the
receive data 2 input from the external PHY.
1
JTAG Test
Data Input
(Internal PHY
Mode)
TDI
IS
(PU)
In internal PHY mode, this pin functions as the
JTAG data input.
Receive Data
3
(External
PHY Mode)
RXD3
IS
(PD)
In external PHY mode, this pin functions as the
receive data 3 input from the external PHY.
Table 3.4 Miscellaneous Pins
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
1
PHY Select
PHY_SEL
IS
(PD)
Selects whether to use the internal Ethernet PHY
or the external PHY connected to the MII port.
0 = Internal PHY is used.
1 = External PHY is used.
1
System Reset
nRESET
IS
(PU)
This active-low pin allows external hardware to
reset the device.
Note:
(LAN9500A/LAN9500Ai only)
This pin may be used to signal
PME_CLEAR when PME mode of
operation is in effect. Refer to
Chapter 6, "PME Operation," on
page 41 for additional information.
Table 3.3 JTAG Pins (continued)
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com