Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500AI Datasheet(PDF) 57 Page - SMSC Corporation

Part # LAN9500AI
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500AI Datasheet(HTML) 57 Page - SMSC Corporation

Back Button LAN9500AI Datasheet HTML 53Page - SMSC Corporation LAN9500AI Datasheet HTML 54Page - SMSC Corporation LAN9500AI Datasheet HTML 55Page - SMSC Corporation LAN9500AI Datasheet HTML 56Page - SMSC Corporation LAN9500AI Datasheet HTML 57Page - SMSC Corporation LAN9500AI Datasheet HTML 58Page - SMSC Corporation LAN9500AI Datasheet HTML 59Page - SMSC Corporation LAN9500AI Datasheet HTML 60Page - SMSC Corporation LAN9500AI Datasheet HTML 61Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
SMSC LAN950x Family
57
Revision 1.1 (04-18-13)
DATASHEET
8.5.4
EEPROM Timing
The following specifies the EEPROM timing requirements for the device:
Figure 8.4 EEPROM Timing
Table 8.17 EEPROM Timing Values
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tckcyc
EECLK Cycle time
1110
1130
ns
tckh
EECLK High time
550
570
ns
tckl
EECLK Low time
550
570
ns
tcshckh
EECS high before rising edge of EECLK
1070
ns
tcklcsl
EECLK falling edge to EECS low
30
ns
tdvckh
EEDO valid before rising edge of EECLK
550
ns
tckhdis
EEDO disable after rising edge EECLK
550
ns
tdsckh
EEDI setup to rising edge of EECLK
90
ns
tdhckh
EEDI hold after rising edge of EECLK
0
ns
tckldis
EECLK low to data disable (OUTPUT)
580
ns
tcshdv
EEDIO valid after EECS high (VERIFY)
600
ns
tdhcsl
EEDIO hold after EECS low (VERIFY)
0
ns
tcsl
EECS low
1070
ns
EECLK
EEDO
EEDI
EECS
tckldis
tcshckh
EEDI (VERIFY)
tckh
tckl
tckcyc
tcklcsl
tcsl
tdvckh tckhdis
tdsckh
tdhckh
tdhcsl
tcshdv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com