Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500AI Datasheet(PDF) 64 Page - SMSC Corporation

Part # LAN9500AI
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500AI Datasheet(HTML) 64 Page - SMSC Corporation

Back Button LAN9500AI Datasheet HTML 58Page - SMSC Corporation LAN9500AI Datasheet HTML 59Page - SMSC Corporation LAN9500AI Datasheet HTML 60Page - SMSC Corporation LAN9500AI Datasheet HTML 61Page - SMSC Corporation LAN9500AI Datasheet HTML 62Page - SMSC Corporation LAN9500AI Datasheet HTML 63Page - SMSC Corporation LAN9500AI Datasheet HTML 64Page - SMSC Corporation LAN9500AI Datasheet HTML 65Page - SMSC Corporation LAN9500AI Datasheet HTML 66Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 64 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
Revision 1.1 (04-18-13)
64
SMSC LAN950x Family
DATASHEET
Chapter 9 Package Outline
Figure 9.1 LAN950x 56-QFN Package
Table 9.1 LAN950x 56-QFN Dimensions
MIN
NOMINAL
MAX
REMARKS
A
0.70
0.85
1.00
Overall Package Height
A1
0.00
0.02
0.05
Standoff
A2
-
-
0.90
Mold Cap Thickness
D/E
7.85
8.00
8.15
X/Y Body Size
D1/E1
7.55
7.75
7.95
X/Y Mold Cap Size
D2/E2
5.80
5.90
6.00
X/Y Exposed Pad Size
L
0.30
0.40
0.50
Terminal Length
b
0.18
0.25
0.30
Terminal Width
K
0.55
-
-
Center Pad to Pin Clearance
e
0.50 BSC
Terminal Pitch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com