Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500AI Datasheet(PDF) 54 Page - SMSC Corporation

Part # LAN9500AI
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500AI Datasheet(HTML) 54 Page - SMSC Corporation

Back Button LAN9500AI Datasheet HTML 50Page - SMSC Corporation LAN9500AI Datasheet HTML 51Page - SMSC Corporation LAN9500AI Datasheet HTML 52Page - SMSC Corporation LAN9500AI Datasheet HTML 53Page - SMSC Corporation LAN9500AI Datasheet HTML 54Page - SMSC Corporation LAN9500AI Datasheet HTML 55Page - SMSC Corporation LAN9500AI Datasheet HTML 56Page - SMSC Corporation LAN9500AI Datasheet HTML 57Page - SMSC Corporation LAN9500AI Datasheet HTML 58Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
Revision 1.1 (04-18-13)
54
SMSC LAN950x Family
DATASHEET
8.5
AC Specifications
This section details the various AC timing specifications of the device.
Note: The MII timing adheres to the IEEE 802.3 specification. Refer to the IEEE 802.3 specification
for additional MII timing information.
Note: The USBDP and USBDM pin timing adheres to the USB 2.0 specification. Refer to the
Universal Serial Bus Revision 2.0 specification for detailed USB timing information.
8.5.1
Equivalent Test Load
Output timing specifications assume the 25pF equivalent test load illustrated in Figure 8.1 below,
unless otherwise specified.
Figure 8.1 Output Equivalent Test Load
25 pF
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com