Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500AI Datasheet(PDF) 24 Page - SMSC Corporation

Part # LAN9500AI
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500AI Datasheet(HTML) 24 Page - SMSC Corporation

Back Button LAN9500AI Datasheet HTML 20Page - SMSC Corporation LAN9500AI Datasheet HTML 21Page - SMSC Corporation LAN9500AI Datasheet HTML 22Page - SMSC Corporation LAN9500AI Datasheet HTML 23Page - SMSC Corporation LAN9500AI Datasheet HTML 24Page - SMSC Corporation LAN9500AI Datasheet HTML 25Page - SMSC Corporation LAN9500AI Datasheet HTML 26Page - SMSC Corporation LAN9500AI Datasheet HTML 27Page - SMSC Corporation LAN9500AI Datasheet HTML 28Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
Revision 1.1 (04-18-13)
24
SMSC LAN950x Family
DATASHEET
Note 3.3
This pin is a no-connect (NC) for LAN9500A/LAN9500Ai, but may be connected to
VDD33A for backward compatibility with LAN9500/LAN9500i.
Note 3.4
For LAN9500A/LAN9500Ai this pin provides additional PME related functionality. Refer to
the respective pin descriptions and Chapter 6, "PME Operation," on page 41 for additional
information.
3.2
Buffer Types
Table 3.10 Buffer Types
BUFFER TYPE
DESCRIPTION
IS
Schmitt-triggered Input
IS_5V
5V Tolerant Schmitt-triggered Input
O8
Output with 8mA sink and 8mA source
OD8
Open-drain output with 8mA sink
O12
Output with 12mA sink and 12mA source
OD12
Open-drain output with 12mA sink
PU
50uA (typical) internal pull-up. Unless otherwise noted in the pin description, internal pull-
ups are always enabled.
Note:
Internal pull-up resistors prevent unconnected inputs from floating. Do not rely on
internal resistors to drive signals external to the device. When connected to a load
that must be pulled high, an external resistor must be added.
PD
50uA (typical) internal pull-down. Unless otherwise noted in the pin description, internal
pull-downs are always enabled.
Note:
Internal pull-down resistors prevent unconnected inputs from floating. Do not rely
on internal resistors to drive signals external to the device. When connected to a
load that must be pulled low, an external resistor must be added.
AI
Analog input
AIO
Analog bi-directional
ICLK
Crystal oscillator input pin
OCLK
Crystal oscillator output pin
P
Power pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com