Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500AI Datasheet(PDF) 25 Page - SMSC Corporation

Part # LAN9500AI
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500AI Datasheet(HTML) 25 Page - SMSC Corporation

Back Button LAN9500AI Datasheet HTML 21Page - SMSC Corporation LAN9500AI Datasheet HTML 22Page - SMSC Corporation LAN9500AI Datasheet HTML 23Page - SMSC Corporation LAN9500AI Datasheet HTML 24Page - SMSC Corporation LAN9500AI Datasheet HTML 25Page - SMSC Corporation LAN9500AI Datasheet HTML 26Page - SMSC Corporation LAN9500AI Datasheet HTML 27Page - SMSC Corporation LAN9500AI Datasheet HTML 28Page - SMSC Corporation LAN9500AI Datasheet HTML 29Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
SMSC LAN950x Family
25
Revision 1.1 (04-18-13)
DATASHEET
Chapter 4 Power Connections
Figure 4.1 illustrates the power connections for LAN950x.
Figure 4.1 Power Connections
(IN)
(OUT)
Internal Core
Regulator
VDD33IO
+3.3V
VDDCORE
VDDCORE
Core Logic
1uF
0.1 ohm ESR
VDDUSBPLL
USB PHY
0.1uF
Exposed Pad
VDD33A
VDD33IO
0.1uF
VDD33IO
VDD33IO
VDD33IO
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
LAN950x
VDD33A
VDD33A
VDD33A
0.1uF
0.1uF
56-PIN QFN
0.5A
120 ohm @
100MHz
VSS
VDDPLL
0.1uF
PLL
&
Ethernet PHY
0.5A
120 ohm @
100MHz
0.1uF
0.5A
120 ohm @
100MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com